Electronic Components Datasheet Search
  English  ▼

X  

UPD16664 Datasheet(PDF) 12 Page - NEC

Part # UPD16664
Description  144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16664 Datasheet(HTML) 12 Page - NEC

Back Button UPD16664 Datasheet HTML 8Page - NEC UPD16664 Datasheet HTML 9Page - NEC UPD16664 Datasheet HTML 10Page - NEC UPD16664 Datasheet HTML 11Page - NEC UPD16664 Datasheet HTML 12Page - NEC UPD16664 Datasheet HTML 13Page - NEC UPD16664 Datasheet HTML 14Page - NEC UPD16664 Datasheet HTML 15Page - NEC UPD16664 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Data Sheet S13780EJ1V0DS00
12
µµµµ PD16664
9. LSI LAYOUT AND ADDRESS MANAGEMENT
Addresses are managed so that up to four
µ PD16664s can be used to organize a liquid crystal display of 416 x 320
pixels.
Four modules can be connected on the same bus with the /CS, /WE, and /OE pins shared.
The system can treats one screenful of the liquid crystal display as one memory area, and does not have to decode
more than one LSI.
Specify an LSI No. by using the PL0 and PL1 pin to determine the layout of the LSIs, and determine the direction
(vertical or horizontal) of the liquid crystal display by using the DIR pin.
PL1
PL0
LSI No.
0
0
1
1
0
1
0
1
No. 0
No. 1
No. 2
No. 3
10. NUMBER OF COLUMN OUTPUTS SELECTION
CMODE1
CMODE0
Number of Column Outputs
Valid Pins
0
0
1
1
0
1
0
1
208
184
160
144
Y1 to Y208
Y1 to Y184
Y1 to Y160
Y1 to Y144
Remark
Invalid column outputs are fastened to V1 level.
11. DUTY SELECTION
DMODE
Duty
0
1
1/160
1/128
Note
Note Valid row outputs of
µ PD16667 are X1 to X128. Invalid row outputs are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com