Electronic Components Datasheet Search
  English  ▼

X  

AN1714 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 24Page - STMicroelectronics AN1714 Datasheet HTML 25Page - STMicroelectronics AN1714 Datasheet HTML 26Page - STMicroelectronics AN1714 Datasheet HTML 27Page - STMicroelectronics AN1714 Datasheet HTML 28Page - STMicroelectronics AN1714 Datasheet HTML 29Page - STMicroelectronics AN1714 Datasheet HTML 30Page - STMicroelectronics AN1714 Datasheet HTML 31Page - STMicroelectronics AN1714 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Demonstration board for ST7538Q
AN1714
28/46
to filter this supply pin adding an inductor (L8) in series to the capacitor (C16) or using a
specific EMC component (for example a TDK chip beads series MMZ1602C).
2.4
Crystal oscillator
The ST7538Q crystal oscillator circuitry is based on a MOS amplifier working in inverter
configuration.
This circuitry requires a crystal having a maximum load capacitance of 16 pF and a
maximum ESR of 40
Ω.
It is very important to keep the crystal oscillator and the load capacitors as close as possible
to the device.
The resonant circuit must be far away from noise sources such as:
●
Power supply circuitry
●
Burst and surge protections
●
Mains coupling circuits
●
Any PCB track or via carrying a signal
To properly shield and separate the oscillator section from the rest of the board, it is
recommended to use a ground plane, on both sides of the PCB, filling all the area below the
crystal oscillator and its load capacitors. No tracks or vias, except for the crystal
connections, should cross the ground plane.
It is also recommended to use a large clearance on the oscillator related tracks to minimize
humidity problems, see Figure 25.
Connecting the case to ground is also a good practice to reduce the effect of radiated
signals on the oscillator.
Figure 25.
A recommended oscillator section layout for noise shielding
It is possible to provide an external clock with the requested characteristics at the XOUT pin.
Probably in this case the global power consumption of the application will have a relevant
increase.
ST7538Q
25
SGND
26
XOUT
27
XIN
TOP Layer
BOTTOM Layer
Clearance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com