Electronic Components Datasheet Search
  English  ▼

X  

AN1714 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 33Page - STMicroelectronics AN1714 Datasheet HTML 34Page - STMicroelectronics AN1714 Datasheet HTML 35Page - STMicroelectronics AN1714 Datasheet HTML 36Page - STMicroelectronics AN1714 Datasheet HTML 37Page - STMicroelectronics AN1714 Datasheet HTML 38Page - STMicroelectronics AN1714 Datasheet HTML 39Page - STMicroelectronics AN1714 Datasheet HTML 40Page - STMicroelectronics AN1714 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
AN1714
Demonstration board characterization
37/46
3
Demonstration board characterization
This chapter includes a series of tests and measurements to characterize the demonstration
board. The characterization concerns the most critical aspects required by European
standards which are:
1.
Electro-conducted disturbances
2.
Immunity to narrowband conducted noise
3.
Output impedance measurement
The results of these measures show a good match and a very close value to the measures
done according to the EN50065-1, EN50065-2-1 and EN50065-7 setup and procedures.
3.1
Conducted disturbance
The EN50065-1 standard describes the test setup and procedures for these kinds of tests.
The measures have been done with 220 V~ and 110 V~ mains voltages. The test pattern
consists of a continuous transmission of a fixed tone (symbol "0") or a repetition of random
bytes.
The output signal has a peak value of 118dBuV (output CISPR-16 measure of the not
modulated signal) that means a 1.6Vrms of signal on the mains.
The spectrum analyzer performs a peak measure instead of a quasi-peak measure. For
continuous sinusoidal signals the two types of measures give the same result.
Figure 29.
Conducted disturbance setup
As shown by the spectrum plots the point that is usually the closest to the mask is the 2nd
harmonic. The borderline condition is obtained with the 110 V~ mains supply and with the
110 kHz channel.
In the 110 kHz channel case the output board filter centered at the 132.5 kHz channel
produces lower attenuation of the harmonic.
The other critical condition is with the 110 V~ supply. In this case the switching regulator
gives a lower supply voltage. The effect is to compress the top of the output sinusoidal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com