Electronic Components Datasheet Search
  English  ▼

X  

AN1714 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 26Page - STMicroelectronics AN1714 Datasheet HTML 27Page - STMicroelectronics AN1714 Datasheet HTML 28Page - STMicroelectronics AN1714 Datasheet HTML 29Page - STMicroelectronics AN1714 Datasheet HTML 30Page - STMicroelectronics AN1714 Datasheet HTML 31Page - STMicroelectronics AN1714 Datasheet HTML 32Page - STMicroelectronics AN1714 Datasheet HTML 33Page - STMicroelectronics AN1714 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Demonstration board for ST7538Q
AN1714
30/46
For some general considerations or a protection components list refer to the annexed
application notes and documentation.
2.6
ST7 microcontroller and RS232 interface
To complete an application for the powerline communication a microprocessor must
manage the upper layer of the communication protocol and eventually process other signals
related to the application (signal from sensors, current measures, driving actuators, and so
on). A different type of microcontroller can be required depending on the specific
application.
The demonstration board has a ST72C334J2 or ST72C334J4 microprocessor. This
component is connected to the ST232 driver interface and to the ST7538Q.
The loaded firmware has the function to receive from the PC program interface (through the
standard RS232 serial port) some commands to manage the control register writing and
reading procedures as well as the transmitting and receiving functions of the modem. The
results of the executed command come back to the PC program interface and are displayed
on the monitor.
Figure 27.
Microcontroller/RS232 interface
The ST7 microprocessor controls also the LED diodes D9, D10, D11, D12. The D9 (red) is
turned on during a transmission condition; the green LED D12 is turned on when the
receiving mode is activated. The D10 yellow diode is switched on when the Band-in-Use
signal is active. The D11 LED (red) is on when a Timeout event occurs. To save power
consumption the LEDs are turned off by removing jumper J9.
The ST7 firmware can be customized. Some of the I/O digital pins or analog input pins of
the microprocessor, that can be used to monitor some external signal or sensors and to
drive relays or other external devices, are available at the connector CN6.
The connector CN7 is used for ST7 memory in-situ programming. For a correct
programming procedure the ST7538Q has to be supplied, we suggest using an external 10
V supply from the connector CN2. The jumper J11 has to be opened.
ST72C334
CN5
PC INTERFACE
PE0/TD0
44
PE1/RDI
1
ANI0/PD0
7
T1IN
R1OUT
T2IN
ST232
11
12
10
T1OUT
14
T2OUT
7
R1IN
13
R1IN_A
3
T1OUT_A
2
T2OUT_A
1
PA7
37
PA6
36
PA5
35
PA4
34
RN1
D11
D12
D10
D9
1k
1k
1k
1k
5V_led
PE0/TD0
PE1/RDI
1
ANI0/PD0
7
11
12
14
T2OUT
7
13
PA7
37
PA6
36
PA5
35
PA4
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com