Electronic Components Datasheet Search
  English  ▼

X  

AN1714 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 25Page - STMicroelectronics AN1714 Datasheet HTML 26Page - STMicroelectronics AN1714 Datasheet HTML 27Page - STMicroelectronics AN1714 Datasheet HTML 28Page - STMicroelectronics AN1714 Datasheet HTML 29Page - STMicroelectronics AN1714 Datasheet HTML 30Page - STMicroelectronics AN1714 Datasheet HTML 31Page - STMicroelectronics AN1714 Datasheet HTML 32Page - STMicroelectronics AN1714 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
AN1714
Demonstration board for ST7538Q
29/46
2.5
Burst and surge protections
The environments encompassed by this application include residential, commercial and
light-industrial locations, both indoor and outdoor. For this reason a series of immunity
specification standards and tests have to be applied to the powerline application to simulate
the environment.
The requirements include EN610000-4-2, EN610000-4-3, EN610000-4-4, EN610000-4-5,
EN610000-4-6, EN610000-4-8, EN610000-4-11 and ENV50204. All these tests are listed in
the EN50065-2-1 document (part 7, immunity specifications).
These standards include surge tests, both common and differential mode (1 kV/0.5 kV,
Tr=1.2u sec) and fast transient burst tests (2kV, Tr=5n sec, Th=50n sec, repetition frequency
5 kHz).
The specific structure of the coupling interface circuit of the application is a weak point with
respect to the high voltage tests. In fact an efficient coupling circuit with low insertion losses
consequently obtains a very low impedance path from the mains to the power circuit of the
devices that can destroy the internal power circuits of the ST7538Q.
For this reason is recommended to add some specific protection on the path that links the
ATOP pins to the mains.
Figure 26.
Common mode and differential mode spikes example
A solution that uses three transil diodes (P6KE6V8A or SM6T6V8A) connected in a star
configuration has been implemented in the demonstration board. A bidirectional transil was
not used because for common mode surge it is better to have a discharge path to ground
external to the devices.
In receiving mode the ATOP2 pin polarizes the coupling interface to ground. In this condition
without the diode D17 all the external signals greater than 1.4 V peak-to-peak are clamped
by D15 and D16.
In some conditions the transil diodes may not be reliable in presence of fast transient bursts.
In this case it is possible to add some fast response ESD diodes as ESDA6V1L (two
components) connected in parallel to the transil with the same star configuration.
The solution used for the demonstration board can give some general guidelines but can't
be generalized to all types of powerline communication applications.
Considerations about surge and burst protections depend on several factors such as
coupling interfaces, the board layout or the characteristics of the components used. Every
application needs a specific analysis.
1:1
19
21
22
ST7538
1:1
19
21
22
ST7538
Differential Mode
Common Mode
D16
D17
D15
D16
D17
1:1
Q
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com