Electronic Components Datasheet Search
  English  ▼

X  

AN1714 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 31Page - STMicroelectronics AN1714 Datasheet HTML 32Page - STMicroelectronics AN1714 Datasheet HTML 33Page - STMicroelectronics AN1714 Datasheet HTML 34Page - STMicroelectronics AN1714 Datasheet HTML 35Page - STMicroelectronics AN1714 Datasheet HTML 36Page - STMicroelectronics AN1714 Datasheet HTML 37Page - STMicroelectronics AN1714 Datasheet HTML 38Page - STMicroelectronics AN1714 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
AN1714
Demonstration board for ST7538Q
35/46
J7
Jumper closed
18
1
J6
CON3
19
1
L_C12
10 µH LBC Inductor (1), Siemens Matsushita B82144-A2103-K
20
1
L4
22 µH 10% series LBC (1), Siemens Matsushita B82144-A2223-K
21
1
L7
330 µH 5% series BC (1), Siemens Matsushita B781.8-S1334-J
22
1
L8
10 µH SMD
23
1
R8
4.7 M
Ω
24
1
R10
5
Ω, 1/4 Watt
25
1
R11
750
Ω
26
1
R12
50 k
Ω TRIM
27
1
R13
5 k
Ω TRIM
28
1
R14
1 k
Ω
29
1
T1
VACuumschmelze T60403-F4096-X046, 1.7 mH, 1:1 transformer
T1
TDK TRTT10U-E015A012, 2 mH, 1:1 transformer
T1
SECRE T15253, 1.3 mH, 1:1 transformer
T1
ETAL P2824, 1.2 mH, 1:1 transformer
T1
RADIOHM 63V192100, 2 mH, 2:1 transformer
30
1
U2
ST7538Q (TQFP44 CTI7010 – 044)
31
1
X1
16 M, quartz crystal, Q 16.0-SS3-30-30/30-FU-T1
1.
Values for 132.5KHz communication channel
Table 5.
ST7/RS232 section
Item
N
Name
Descriptions
1
1
CN5
RS232 female 9 Pin
2
1
CN6
CON12
3
1
CN7
ISP interface
4
9
C23
100 nF SMD
C24
100 nF SMD
C25
100 nF SMD
C26
100 nF SMD
C27
100 nF SMD
C28
100 nF SMD
C29
100 nF SMD
C31
100 nF SMD
C32
100 nF SMD
Table 4.
Powerline modem section (continued)
Item
N
Name
Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com