Electronic Components Datasheet Search
  English  ▼

X  

AN1714 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 37Page - STMicroelectronics AN1714 Datasheet HTML 38Page - STMicroelectronics AN1714 Datasheet HTML 39Page - STMicroelectronics AN1714 Datasheet HTML 40Page - STMicroelectronics AN1714 Datasheet HTML 41Page - STMicroelectronics AN1714 Datasheet HTML 42Page - STMicroelectronics AN1714 Datasheet HTML 43Page - STMicroelectronics AN1714 Datasheet HTML 44Page - STMicroelectronics AN1714 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
AN1714
Demonstration board characterization
41/46
Figure 36.
Signal/noise ratio for the 132.5 kHz channel, signal level 85 dBuV, mains
110 V~
Figure 37.
Signal/noise ratio for the 110 kHz channel, signal level 91 dBuV
3.3
Output impedance
The last characterization report concerns the output impedances of the application.
In order to not degrade the communication network it is mandatory to guarantee a minimum
value of the output impedance of each component of the system, both in the receiving and
transmitting condition. In this last case impedance constraints concern only the frequency
ranges of the other communication bands.
Ch 132.5KHz, BAUD 2400, DEV 0.5
S = 85 dBuV, BER < 10e-3 - mains 110V~
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
80 90 100 110 120 130 140 150 160 170 180 190 200
FREQ[KHz]
S/N
Fix Tone
AM 1kHz - 80%
Ch 110KHz, BAUD 2400, DEV 0.5
S = 91 dBuV, BER < 10e-3 - mains 220V~
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
80
90
100 110 120 130 140 150 160 170 180
FREQ[KHz]
S/N
Fix Tone
AM 1kHz - 80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com