Electronic Components Datasheet Search
  English  ▼

X  

AN1714 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 28Page - STMicroelectronics AN1714 Datasheet HTML 29Page - STMicroelectronics AN1714 Datasheet HTML 30Page - STMicroelectronics AN1714 Datasheet HTML 31Page - STMicroelectronics AN1714 Datasheet HTML 32Page - STMicroelectronics AN1714 Datasheet HTML 33Page - STMicroelectronics AN1714 Datasheet HTML 34Page - STMicroelectronics AN1714 Datasheet HTML 35Page - STMicroelectronics AN1714 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Demonstration board for ST7538Q
AN1714
32/46
the MCU has to keep the PC4 pin low. The external signal can be applied at the diode
cathode.
Figure 28.
ST7538Q / microcontroller interface
The third group of signals consists of a series of auxiliary signals coming from the ST7538Q
linked to some standard input of the microcontroller.
The CD/PD and BU signals give information about a carrier (or preamble detection)
condition and about the BU condition (according the EN50065-1).
If the zero-crossing comparator is used, the ZCOUT signal gives a digital signal
synchronized with the mains phase.
The PG, TOUT and REG_OK signals are monitor signals. The PG signal indicates the
correct supply level of the internal 5 V regulator of the ST7538Q (VDC). If the modem
regulator supplies the microcontroller or its reset is connected to the RSTO pin, it is
recommended to monitor this signal. In fact when the PG signal goes down during a
shutdown procedure, the microcontroller can try to correctly stop the running activities (for
example a memory writing) before the UVLO threshold is reached and the entire application
is reset, or before the regulator isn't able to correctly supply the micro. When a PG down is
detected, the transmission is disabled to avoid uncontrolled access to the mains. In any
case a correct shutdown procedure has to be completed to perform a correct reset of the
application.
The TOUT signal is active when a transmission procedure is aborted, either for a time out
event or for an overheat condition.
The REG_OK signal shows corruption of the internal modem register. Pay attention that the
REG_OK function doesn't check uncontrolled control register write procedure, due for
example, to a voltage spike on the REGDATA and RX/TX pins.
ST72C334
ST7538
PC3/ICAP1_B
PC5/MOSI
OSCIN
RESET
42
39
26
PC4/MISO/ISPDATA
27
28
PC6/SCKI/ISPCLK
29
ANI4/PD3
10
ANI5/PD4
11
ANI6/PD5
12
MCO/PF0
15
PF1/BEEP
16
PF2
17
PB1
3
PB2
4
PB3
5
RXD
MCLK
RSTO
11
12
3
TXD
5
CLRT
8
WD
14
REG/DATA
43
RXTX
4
PG
42
BU
9
ZCOUT
15
TOUT
7
REG_OK
36
ISPCLOCK
J11
R16
D13
ISP RESET
R15
C22
SW1
ISPDATA
ISPSEL
ISPSEL
38
R17
CD/PD
1
PA3
31
PB0
2
PC7/SS
30
ST72C334
ST7538
PC3/ICAP1_B
PC3/ICAP1_B
PC5/MOSI
PC5/MOSI
OSCIN
OSCIN
RESET
RESET
42
39
26
PC4/MISO/ISPDATA
27
PC4/MISO/ISPDATA
27
28
PC6/SCKI/ISPCLK
29
PC6/SCKI/ISPCLK
PC6/SCKI/ISPCLK
29
ANI4/PD3
10
ANI4/PD3
10
ANI5/PD4
11
ANI5/PD4
11
ANI6/PD5
12
ANI6/PD5
12
MCO/PF0
15
MCO/PF0
MCO/PF0
15
PF1/BEEP
16
PF1/BEEP
PF1/BEEP
16
PF2
17
PF2
PF2
17
PB1
3
PB1
PB1
3
PB2
4
PB2
PB2
4
PB3
5
PB3
PB3
5
RXD
MCLK
RSTO
11
12
3
TXD
5
CLRT
8
WD
14
REG/DATA
43
RXTX
4
PG
42
BU
9
ZCOUT
15
TOUT
7
REG_OK
36
ISPCLOCK
J11
R16
D13
ISP RESET
R15
C22
SW1
ISPDATA
ISPSEL
ISPSEL
ISPSEL
38
R17
CD/PD
1
PA3
31
PA3
31
PB0
PB0
2
PC7/SS
PC7/SS
30
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com