Electronic Components Datasheet Search
  English  ▼

X  

UM1693 Datasheet(PDF) 78 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 74Page - STMicroelectronics UM1693 Datasheet HTML 75Page - STMicroelectronics UM1693 Datasheet HTML 76Page - STMicroelectronics UM1693 Datasheet HTML 77Page - STMicroelectronics UM1693 Datasheet HTML 78Page - STMicroelectronics UM1693 Datasheet HTML 79Page - STMicroelectronics UM1693 Datasheet HTML 80Page - STMicroelectronics UM1693 Datasheet HTML 81Page - STMicroelectronics UM1693 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 196 page
background image
Load compatibility
UM1693
78/196
DocID025505 Rev 1
Figure 55. LED cluster example 2–tail & brake light (VW Passat B6)
The first example shows a simple LED cluster with serial-parallel combination of LEDs and
resistors. On second example there is a schematic and V/A characteristic measured on real
LED lamp (VW Passat B6). As seen on schematic, on top of the serial-parallel LED/resistor
strings there is a reverse battery protection diode, ESD capacitor on input terminal and
“dummy load” circuitry with bipolar transistors. This circuitry is used to adapt the LED string
behavior (V/A characteristic) according to diagnostic requirements (open load in on-state,
open load in off-state).
Example 1: Switching losses–measurement
Following example shows switching losses measurement on VND7140AJ-E with LED
cluster example 1 (LED test board - 6 x 3 LEDs OSRAM LA E67-4) using an oscilloscope
with mathematical functions. The first function F1 shows the actual power dissipation on the
HSD (VBAT - VOUT) * IOUT, the second function F4 shows the HSD energy (integral of F1).
Conditions:
•
VBAT:
16 V
•
Temperature:
23 °C
•
PWM:
200 Hz, 70 %
•
Load:
test board with 6 x 3 LED OSRAM LA E67-4 (see Figure 54)
•
Device:
VND7140AJ-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com