Electronic Components Datasheet Search
  English  ▼

X  

UM1693 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 33Page - STMicroelectronics UM1693 Datasheet HTML 34Page - STMicroelectronics UM1693 Datasheet HTML 35Page - STMicroelectronics UM1693 Datasheet HTML 36Page - STMicroelectronics UM1693 Datasheet HTML 37Page - STMicroelectronics UM1693 Datasheet HTML 38Page - STMicroelectronics UM1693 Datasheet HTML 39Page - STMicroelectronics UM1693 Datasheet HTML 40Page - STMicroelectronics UM1693 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 196 page
background image
DocID025505 Rev 1
37/196
UM1693
Protection against battery transients
195
3.5
Basic application schematic to protect a M0-7 standard
monolithic high-side driver
The hardware design techniques used for an application will establish the baseline immunity
performance. The purpose of hardware techniques is to protect the device from
performance degradation or long-term reliability problems.
Below reported, the STM application proposal, for protecting monolithic HSDs under the
common stress event mentioned ISO 7637-2 editions 2004 and 2011.
To provide these electronic safeguards, manufacturers typically chose either a diode, or
resistor or capacitor for protecting both data-line and supply rails.
Components used to suppress or control transients, as well as their implementation details,
are described in the next paragraph, providing a basic description of how the most typically
used components are employed in low-cost designs for achieving the desired level of
transient immunity.
Components used to suppress or control transients can be grouped into two main
categories:
•
Components that shunt transient currents (voltage limiters)
•
Components that block transient currents (current limiters)
Note that depending on the rise time (frequency bandwidth) of the transient, a component
may function as either a shunt or a block. For instance, at a slow rise time (low frequency
bandwidth) an inductor will have little impedance (a shunt). At faster rise times (higher
frequency bandwidth), an inductor will have greater impedance (a block). As a result,
transient suppression components must be carefully selected for the optimal operating
conditions. The actual performance of the component in the application will depend on the
frequency-based characteristics of the component and the board layout.
Table 6. ISO 7637-2: 2011 (E)
Test
pulse(1)
Selected
test
level(2)
Test pulse severity level,
US
(3) (4)
Min. number
of pulses or
test times
Burst cycle/pulse repetition
time
IV
III
I/II
Min.
Max.
1
-150 V
-112 V
-75
500 pulses
0.5 s
(5)
2a
+112 V
+55 V
+37
500 pulses
0.2 s
5 s
2b
+10 V
+10 V
+10
10 pulses
0.5 s
5 s
3a
-220 V
-165 V
-112
1 h
90 ms
100 ms
3b
+150
+112 V
+75
1 h
90 ms
100 ms
1.
Test pulse as inin 5.6 paragraph of ISO 7637-2:2011(E) (see Appendix A: References).
2.
Values agreed between vehicle manufacturer and equipment supplier.
3.
The amplitudes are the values of US as defined for each test pulse in 5.6 paragraph of ISO 7637-2:2011(E) (see Appendix
A: References).
4.
The former levels I and II are revised because they did ensure sufficient immunity in subsequent road vehicles’ design.
5.
The maximum pulse repetition time shall be chosen such that it is the minimum time for the DUT to be correctly initialized
before the application of the next pulse and shall be
≥ 0.5 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com