Electronic Components Datasheet Search
  English  ▼

X  

UM1693 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 25Page - STMicroelectronics UM1693 Datasheet HTML 26Page - STMicroelectronics UM1693 Datasheet HTML 27Page - STMicroelectronics UM1693 Datasheet HTML 28Page - STMicroelectronics UM1693 Datasheet HTML 29Page - STMicroelectronics UM1693 Datasheet HTML 30Page - STMicroelectronics UM1693 Datasheet HTML 31Page - STMicroelectronics UM1693 Datasheet HTML 32Page - STMicroelectronics UM1693 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 196 page
background image
DocID025505 Rev 1
29/196
UM1693
Reverse battery protection
195
Figure 11. Generic schematic and test setup with P-channel MOSFET in VCC line
As soon as the battery voltage is applied and for the first start up, the body diode of the
MOSFET will conduct, until the channel is switched on in parallel. The Zener diode will
clamp the Gate of the MOSFET to its Zener voltage in case of over voltage on the battery
track. In normal operation only the leakage current of ZD1 Zener Diode is flowing through
R2 to GND. In order to minimize this current even at higher supply voltages, a diode with
higher Zener voltage (i.e. 18 V) might be chosen, however it shall be dimensioned to ensure
the Zener voltage is always safely below the maximum rated gate source voltage VGS of the
P-channel MOSFET.
The resistor R2 limits the current through the Zener diode at supply voltages higher than the
Zener Voltage and limits the charging/discharging current of the gate. In addition the resistor
R2 together with the gate capacitance of the P-channel MOSFET determines the turn-off
time when exposed to fast negative transients or abrupt reverse polarity according to
LV 124: 2009-10 standard. 1 k
Ω as demonstrated by the experiment reported below
appears to be a good compromise between minimizing the charging/discharging current
and ensuring a fast turn-off time. Due to the fact, that the P-channel MOSFET will carry also
the load current, it needs to be a lower ohmic component compared to an N-channel
reverse polarity protection MOSFET in the GND line. In consequence it will have a higher
gate capacitance, hence longer turn-off times for identical gate resistance R2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com