Electronic Components Datasheet Search
  English  ▼

X  

UM1693 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 10Page - STMicroelectronics UM1693 Datasheet HTML 11Page - STMicroelectronics UM1693 Datasheet HTML 12Page - STMicroelectronics UM1693 Datasheet HTML 13Page - STMicroelectronics UM1693 Datasheet HTML 14Page - STMicroelectronics UM1693 Datasheet HTML 15Page - STMicroelectronics UM1693 Datasheet HTML 16Page - STMicroelectronics UM1693 Datasheet HTML 17Page - STMicroelectronics UM1693 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 196 page
background image
General items
UM1693
14/196
DocID025505 Rev 1
voltage feedback reading is required. For dimensioning the same recommendations
apply as for R5//C2.
•
C4: it is recommended to place a ceramic capacitor on each output to dissipate energy
of high frequency, high voltage transients, in particular ESD transient pulses. A 100 V
ceramic capacitor generally has sufficient voltage capability. The device ESD
robustness of each pin is rated in Absolute Maximum Rating chapter of the datasheet
(for details refer to Chapter 11: Usage in “H-Bridge” configurations).
•
C5: C5 capacitor helps to suppress voltage transients that originate from other
actuators connected in parallel and sharing the same battery line. This capacitor will be
capable to suppress only low energetic short transient pulses. The device itself is rated
to sustain ISO 7637-2:2004(E) transient test pulses 1-4 up to test level IV according to
class C. Other methods are needed to protect the module from higher energy
transients, such as load dump.
Moreover C5 capacitor helps to suppress HF noise at the VCC pin that is generated by
the high-side driver device itself. The noise can originate from the charge pump
circuitry or from the switching slopes of PWMed outputs.
Using a 100 nF low ESR ceramic capacitor mounted close to device VCC and GND
terminals the devices meet CISPR25 Class 5 requirements measured in conducted
emission voltage method in DC, as well as in PWM, operation.
Finally, during a loss of VCC condition, the C5 capacitor supplies load current for the
demagnetization of inductive loads.
•
RSENSE: RSENSE resistor will convert the MultiSense output current, which is a copy
proportional to the load current, into a voltage which can be read by the A/D Converter
of the Microcontroller. The RSENSE should be dimensioned to ensure proper resolution
range and granularity to monitor nominal current as well as detecting open load or
overload events. Typical values of RSENSE are in the range from 1 kΩ to 2.7 kΩ, in
order to generate typically 1 V – 2 V sense voltage at nominal load current. RSENSE
selection must also take into account maximum power dissipation and maximum
current injection during reverse battery conditions and ISO 7637-2:2004(E) and ISO
7637-2:2011(E) pulse 1 transients. Refer to Section 7.2.6: Considerations on
MultiSense resistor choice for current monitorfor details on RSENSE dimensioning rules.
•
R1-R5: R1-R5 serial resistors are needed on digital inputs in order to limit the current in
the input structures as well as in the microcontroller output structures to a safe value
during transient and reverse battery conditions. A proper value for such resistors is
15 k
Ω.
No low ohmic impedance paths to GND such as pull down transistors or capacitors
shall be connected directly to the digital inputs. In such conditions, device ground shift
may trigger intrinsic parasitic structures and an unlimited, destructive current path from
VCC to the digital input will be formed.
•
RGND//DGND: a reverse polarity protection network between device ground and module
ground is needed for monolithic devices. The diode prevents unlimited destructive
current flow through the VCC - GND clamping structure in case of reverse polarity
connection. RGND paralleled to DGND avoids device ground dropping to negative
voltage during turn-off of inductive loads. Typical values range from 1 k
Ω to 4.7 kΩ,
higher values reduce power dissipation under reverse battery condition (for details
refer to Chapter 2: Reverse battery protection).
Hybrid devices (for classification of Hybrid and Monolithic HSDs please refer to
Section 5.1: Classification of M0-7 HSDs) do not need GND network (please refer to
Figure 2) in case pulses belonging to ISO 7637-2:2004(E) standard are requested to
be passed. A resistive path in the GND connection of Hybrid devices with RGND > 300,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com