Electronic Components Datasheet Search
  English  ▼

X  

AN2747 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 7Page - STMicroelectronics AN2747 Datasheet HTML 8Page - STMicroelectronics AN2747 Datasheet HTML 9Page - STMicroelectronics AN2747 Datasheet HTML 10Page - STMicroelectronics AN2747 Datasheet HTML 11Page - STMicroelectronics AN2747 Datasheet HTML 12Page - STMicroelectronics AN2747 Datasheet HTML 13Page - STMicroelectronics AN2747 Datasheet HTML 14Page - STMicroelectronics AN2747 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AN2747
General circuit description
11/44
where
●
Ilamp = lamp current
●
IAV = average current
●
Ipeak = inductor peak current
●
∆I = inductor current ripple
The ripple current in a buck converter working in continuous mode is expressed as:
Equation 4
where
●
Vbus= DC bus voltage
●
L= inductance value
●
f= switching frequency
●
ζ= duty cycle
For the buck in continuous mode the duty cycle relation is:
Equation 5
Using the relation (Equation 4) in the equation (5) we obtain:
Equation 6
Assuming Vbus and f constant it is possible to write:
Equation 7
The relation (Equation 3) can be written as:
Equation 8
This relation is valid because the average current is equal to the lamp current. This formula
is implemented in the microcontroller in order to calculate the lamp current.
I
∆
V
bus
fL
⋅
------------
δ 1 δ
–
()
⋅⋅
=
δ
V
lamp
V
bus
---------------
=
I
∆
2
-----
1
2fL V
bus
⋅⋅ ⋅
---------------------------------- V
lamp
V
bus
V
lamp
–
()
⋅⋅
=
K
1
2fL V
bus
⋅⋅ ⋅
----------------------------------
=
I
lamp
I
peak
KV
lamp
V
bus
V
lamp
–
()
⋅⋅
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com