Electronic Components Datasheet Search
  English  ▼

X  

AN2747 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 23Page - STMicroelectronics AN2747 Datasheet HTML 24Page - STMicroelectronics AN2747 Datasheet HTML 25Page - STMicroelectronics AN2747 Datasheet HTML 26Page - STMicroelectronics AN2747 Datasheet HTML 27Page - STMicroelectronics AN2747 Datasheet HTML 28Page - STMicroelectronics AN2747 Datasheet HTML 29Page - STMicroelectronics AN2747 Datasheet HTML 30Page - STMicroelectronics AN2747 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AN2747
Auxiliary power supply
27/44
6
Auxiliary power supply
The proposed power supply can be successfully applied in applications requiring 15 V for
the power switch gate driver. This circuit assures good performance in terms of size and
performance at very low cost.
It is based on the VIPer12A-E in nonisolated buck configuration. Figure 27 shows the
schematic.
Figure 27.
Auxiliary power supply
The VIPer12A-E is a low-cost smart power device with an integrated PWM controller that is
suitable for such applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com