Electronic Components Datasheet Search
  English  ▼

X  

AN2747 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 36Page - STMicroelectronics AN2747 Datasheet HTML 37Page - STMicroelectronics AN2747 Datasheet HTML 38Page - STMicroelectronics AN2747 Datasheet HTML 39Page - STMicroelectronics AN2747 Datasheet HTML 40Page - STMicroelectronics AN2747 Datasheet HTML 41Page - STMicroelectronics AN2747 Datasheet HTML 42Page - STMicroelectronics AN2747 Datasheet HTML 43Page - STMicroelectronics AN2747 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Firmware flowchart
AN2747
40/44
Below Figure 39 shows a diagram of total ballast efficiency versus input voltage. The system
efficiency is obtained as a ratio of lamp power to input power.
Figure 39.
Ballast efficiency
13.6
Thermal measurement
In the output stage a thermal measurement on the power device has been performed. On
the devices a heat sink having thermal resistance Rth = 3.23 °C/W has been mounted. The
temperature was measured on the top of the packages of the power devices by means of a
thermocouple. A
∆T of 55 °C above ambient temperature has been measured.
14
Firmware flowchart
A simplified firmware flowchart is given in Figure 40.
Table 4.
Power factor and input current THD measurements
Vin (rms) V
Power factor
THD%
115
0.994
10
230
0.940
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com