Electronic Components Datasheet Search
  English  ▼

X  

AN2747 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 13Page - STMicroelectronics AN2747 Datasheet HTML 14Page - STMicroelectronics AN2747 Datasheet HTML 15Page - STMicroelectronics AN2747 Datasheet HTML 16Page - STMicroelectronics AN2747 Datasheet HTML 17Page - STMicroelectronics AN2747 Datasheet HTML 18Page - STMicroelectronics AN2747 Datasheet HTML 19Page - STMicroelectronics AN2747 Datasheet HTML 20Page - STMicroelectronics AN2747 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
AN2747
Board description
17/44
R5
6.8 k
Ω
1% 1/4 W
R6
6.8
Ω
1% 1/4 W
R7A,R7B,R7C,R7D
0.68
Ω
1% 1/4 W
R8
1.5 k
Ω
1% 1/4 W
R9
12 k
Ω
1% 1/4 W
R10A
470 k
Ω
1% 1/4 W
R10B
560 k
Ω
1% 1/4 W
R11
6.8 k
Ω
1% 1/4W
R12
12 k
Ω
1% 1/4 W
R13
6.8
Ω
1% 1/4 W
TR1
BC557
TO92
U1
L6562
STMicroelectronics
U2
VIPer12AS-E
STMicroelectronics
Table 2.
Full bridge bill of material
Name
Value
Rated
Type
C100,C101
100 pF
630 V
C102, C103
10 µF
25 V
C104, C106
3.3 µF
50 V
EPCOS polyester capacitor
B32529-D5335-K000
C105, C107
33 pF
50 V
ceramic
C108,C109
68 pF
50 V
ceramic
C110
100 nF
400 V
EPCOS B32652A6104K
C111
680 nF
630 V
EPCOS B32523Q8684K
C112
220 pF
6 KV
Murata DECB33J221KC4B
C113,C114,C115
68 pF
50 V
ceramic
D100,D101,D102,D103
200 mA
100 V
Signal diode
D104,D105
STTH1L06
STMicroelectronics
L100
800 µH
3.5 A
Magnetica part number 1775.0001,
VOGT: SL0607112101
Q100,Q102
STP20NM50FD
STMicroelectronics
Q101, Q104
STGF10NB60SD
STMicroelectronics
R102
470 m
Ω
1% 2 W
R103
820 k
Ω
1% 1/4 W
R104,R106,R108,
R110
100
Ω
1% 1/4 W
Table 1.
PFC bill of material (continued)
Name
Value
Rated
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com