Electronic Components Datasheet Search
  English  ▼

X  

AN2747 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 16Page - STMicroelectronics AN2747 Datasheet HTML 17Page - STMicroelectronics AN2747 Datasheet HTML 18Page - STMicroelectronics AN2747 Datasheet HTML 19Page - STMicroelectronics AN2747 Datasheet HTML 20Page - STMicroelectronics AN2747 Datasheet HTML 21Page - STMicroelectronics AN2747 Datasheet HTML 22Page - STMicroelectronics AN2747 Datasheet HTML 23Page - STMicroelectronics AN2747 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
L6385 high-voltage high and low side driver
AN2747
20/44
4
L6385 high-voltage high and low side driver
Figure 16.
L6385 block diagram
The L6385 is a high-voltage device, manufactured with BCD "OFF-LINE" technology. It has
a driver structure that enables to drive independently referenced N-Channel Power
MOSFETs or IGBTs. The upper (floating) section is enabled to work with voltage rail up to
600 V. The logic inputs are CMOS/TTL compatible for easy interfacing with controlling
devices.
The main characteristic of this driver are:
●
high-voltage rail up to 600 V
●
dV/dt immunity ± 50 V/nsec in full temperature range
●
driver current capability: 400 mA source, 650 mA sink
●
switching times 50/30 nsec rise/fall
●
with 1 nF load
●
CMOS/TTL Schmitt trigger inputs with hysteresis and pull-down
●
undervoltage lockout on lower and upper driving sections
●
internal bootstrap diode
●
outputs in phase with inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com