Electronic Components Datasheet Search
  English  ▼

X  

AN2747 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 14Page - STMicroelectronics AN2747 Datasheet HTML 15Page - STMicroelectronics AN2747 Datasheet HTML 16Page - STMicroelectronics AN2747 Datasheet HTML 17Page - STMicroelectronics AN2747 Datasheet HTML 18Page - STMicroelectronics AN2747 Datasheet HTML 19Page - STMicroelectronics AN2747 Datasheet HTML 20Page - STMicroelectronics AN2747 Datasheet HTML 21Page - STMicroelectronics AN2747 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Board description
AN2747
18/44
R105, R109
22
Ω
1% 1/4 W
R111
820 k
Ω
1% 1/4 W
R112, R115
10 k
Ω
1% 1/4 W
R113
15 k
Ω
3 W
R114, R116
47 k
Ω
1% 1/4 W
R117, R118
1 M
Ω
1% 1/4 W
T100
High voltage
Transformer
N1/N2=55/3
VOGT part number SL0607111102
U100
SPARK GAP
235 V
EPCOS B88069X4290T502
U101, U102
L6385
STMicroelectronics
Z1,Z2
Zener diode
16 V 1/2 W
Table 3.
Control board bill of material
Name
POS
Rated
Type
C2
100 nF
SMD 1206
C3
10 µF
15V
through hole
C4
100 nF
SMD 1206
C5,C8,C9
0.1 µF
SMD 1206
C6
0.47 µF
SMD 1206
C7
2.2 µF
SMD 1206
C11
22 pF
SMD 1206
C17, C18
1 nF
SMD 1206
C19,C20
1 µF
SMD 1206
D1,D2
BAT42
STMicroelectronics
LD2
Green LED
SMD 1206
LD3
Red LED
SMD 1206
R2
47 k
Ω
SMD 1206
R5,R6
100 k
Ω
SMD 1206
R7
5.6 k
Ω
SMD 1206
R9
4.7 k
Ω
SMD 1206
R10,R15,R20
1 k
Ω
SMD 1206
R11,R12
10
Ω
SMD 1206
R3,R4,R8,R14,R17,
R18,R19,R21,R22, R26
10 k
Ω
SMD 1206
R23,R27
470
Ω
SMD 1206
Table 2.
Full bridge bill of material (continued)
Name
Value
Rated
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com