Electronic Components Datasheet Search
  English  ▼

X  

AN2747 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 20Page - STMicroelectronics AN2747 Datasheet HTML 21Page - STMicroelectronics AN2747 Datasheet HTML 22Page - STMicroelectronics AN2747 Datasheet HTML 23Page - STMicroelectronics AN2747 Datasheet HTML 24Page - STMicroelectronics AN2747 Datasheet HTML 25Page - STMicroelectronics AN2747 Datasheet HTML 26Page - STMicroelectronics AN2747 Datasheet HTML 27Page - STMicroelectronics AN2747 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ST7LITE39 microcontroller
AN2747
24/44
Figure 22.
Lamp voltage sensing circuit
Figure 23.
Lamp voltage measurement circuit
●
Pin 7: PB3 digital floating input with interrupt. This pin is used for maximum current
protection.
●
Pin 8: PB4 digital floating input. It is used for MCU Vref calibration.
●
Pin 9: push-pull output, used to drive two status leds. A green LED indicates the normal
status. A red LED indicates a fault condition (for example overcurrent protection).
●
Pin 10: SCI RXD, used for external communication, power line modem or PC
●
Pin 11: SCI TXD, used for external communication, power line modem or PC
●
Pin 12-13: PA6-PA5 not used
●
Pin 14: PA4 output PWM3. It is used to generate a reference voltage for the constant
current control.
The current signal is obtained through a sense resistor R102 (ILAMP signal Figure 25). This
voltage across R102 is amplified by U4b STMicroelectronics amplifier TS272 and it is
compared using the comparator LM119 with the reference voltage coming from the MCU.
When the Ilamp signal exceeds the defined threshold, the comparator output falls, giving the
reset signal to the drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com