Electronic Components Datasheet Search
  English  ▼

X  

AN4129 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4129
Description  STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4129 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4129 Datasheet HTML 3Page - STMicroelectronics AN4129 Datasheet HTML 4Page - STMicroelectronics AN4129 Datasheet HTML 5Page - STMicroelectronics AN4129 Datasheet HTML 6Page - STMicroelectronics AN4129 Datasheet HTML 7Page - STMicroelectronics AN4129 Datasheet HTML 8Page - STMicroelectronics AN4129 Datasheet HTML 9Page - STMicroelectronics AN4129 Datasheet HTML 10Page - STMicroelectronics AN4129 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
AN4129
Theory of operation
Doc ID 023314 Rev 1
7/39
2.2
PFC-flyback
In the PFC-flyback converter the input voltage is the rectified line voltage, with almost no
filtering. Converter input voltage goes to zero when the line voltage crosses zero.
It's common practice to use the rectified line voltage as a reference for the peak current in
the flyback converter's switch. This does not result in sinusoidal input current, but it is close
enough. The duty cycle change with input voltage still distorts the waveform. This is
discussed in detail in ST's AN1059 application note.
Figure 4.
Distortion of input current with sinewave reference
2.3
Primary side control
A PFC-flyback converter usually uses a PFC controller chip such as ST's L6562AT with an
external FET and a feedback loop. The secondary side voltage and/or current are
monitored, compared to a reference on the secondary side, and a control signal sent to the
primary side with an opto-isolator. This signal is multiplied by a reference waveform (the
rectified line voltage) and used to control peak switch current.
ST has developed a primary-side control circuit that eliminates the need for the secondary-
side components. Voltage is monitored on the housekeeping winding at the end of the
flyback converter's discharge cycle, just as the secondary current reaches zero. Secondary
current is set by measuring duty cycle and adjusting peak primary current, to provide a
calculated secondary average current.
But the circuit cannot work with a multiplier, so another method of shaping the peak switch
current waveform must be found.
2.4
Using the HVLED815PF current limit for power factor
correction
2.4.1
Average current regulation
The HVLED815PF does an excellent job of regulating output current in a DC input flyback
supply. It calculates the peak current at which to shut off the driving FET by looking at the
duty cycle continuously. The error between desired duty cycle and actual duty cycle appears
as a current on the ILED pin - a capacitor on this pin integrates the error to zero over time.
Since the voltage on this pin, divided by 2, directly sets the current at which the FET switch
turns off, the output current is regulated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com