Electronic Components Datasheet Search
  English  ▼

X  

AN4129 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4129
Description  STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4129 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4129 Datasheet HTML 31Page - STMicroelectronics AN4129 Datasheet HTML 32Page - STMicroelectronics AN4129 Datasheet HTML 33Page - STMicroelectronics AN4129 Datasheet HTML 34Page - STMicroelectronics AN4129 Datasheet HTML 35Page - STMicroelectronics AN4129 Datasheet HTML 36Page - STMicroelectronics AN4129 Datasheet HTML 37Page - STMicroelectronics AN4129 Datasheet HTML 38Page - STMicroelectronics AN4129 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
AN4129
References
Doc ID 023314 Rev 1
37/39
8
References
1.
ST ALTAIR05T-800 datasheet, “Off-line all-primary-sensing switching regulator”, Rev1.
2.
ST DB1534: EVLALTAIR05T-5W data brief, “ALTAIR05T-800 5 W wide range CV-CC
optoless adapter demonstration board”, Rev1.
3.
ST HVLED805 datasheet, “Off-line LED driver with primary-sensing”, Rev2.
4.
ST AN3360 application note, “3.2 W LED Power Supply based on HVLED805”, Rev2.
5.
ST HVLED815PF datasheet, “Off-line LED driver with primary-sensing”, Rev3.
6.
US Patent 5,729,443 “Switched Current Regulator with Improved Power Switch Control
Mechanism” Pavlin (1998).
7.
US Patent 7,978,485 “Thyristor Power Control Circuit with Damping Circuit Maintaining
Thyristor Holding Current” Stamm et al. (2011).
8.
ST AN1059 application note, “Design Equations of High-Power-Factor Flyback
Converters based on the L6561”, Rev1.
9.
ST AN2711 application note, “120 VAC input-Triac dimmable LED driver based on the
L6562A”, Rev3.
10. ST AN2838 application note, “35 W Wide-Range High Power Factor Flyback Converter
Demonstration Board using the L6562A”, Rev2.
11. ST AN4130 application note, “STEVAL-ILL045V1: 120 V A19 dimmable high power
factor 9 W LED driver using HVLED815PF”, Rev1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com