Electronic Components Datasheet Search
  English  ▼

X  

AN4129 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4129
Description  STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4129 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4129 Datasheet HTML 18Page - STMicroelectronics AN4129 Datasheet HTML 19Page - STMicroelectronics AN4129 Datasheet HTML 20Page - STMicroelectronics AN4129 Datasheet HTML 21Page - STMicroelectronics AN4129 Datasheet HTML 22Page - STMicroelectronics AN4129 Datasheet HTML 23Page - STMicroelectronics AN4129 Datasheet HTML 24Page - STMicroelectronics AN4129 Datasheet HTML 25Page - STMicroelectronics AN4129 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Circuit description and design guidance
AN4129
22/39
Doc ID 023314 Rev 1
R6 and R7 form a divider that normally sets the converter output voltage. The LED driver
uses constant current mode - the constant-voltage circuit is used only for overvoltage
protection, such as an open load situation. On the positive swing of the output and auxiliary
windings the divided voltage is measured at the end of the transformer's discharge time, and
compared to an internal 2.5 V reference by a transconductance op amp.
The third function, zero current detection, uses the voltage at the DMG pin to determine the
duty cycle of the output diode conduction period. This is used for the internal current
regulator - the duty cycle measured here determines the FET cutoff current, indirectly
controlling output current. The divider's resistor values have very little effect on this function.
During product development, it is helpful to separate the functions. Choose a value for R7
that sets the overvoltage protection level very high (2X expected), and adjust R6 to give the
flattest current limit vs. line voltage characteristic. When the value for R6 is set, pick the
value for R7 to give the correct overvoltage protection.
4.8
Filter capacitor for Vcc
The dimming requirement sets a minimum size for this capacitor. During the dimmer's non-
conducting period the line is not present for the internal startup circuit to take over, so the
stored energy in this part is used to keep the chip alive.
At low conduction angles the capacitor is barely topped off, and it must hold the Vcc voltage
above the shutoff threshold for a half cycle. At the same time, the LEDs are operating on
very low current, and the reflected voltage is smaller than normal, and LED dependent.
The capacitor value therefore depends on the turns ratio of the auxiliary winding to the
output winding, the LED voltage at minimum conduction angle, and the shutoff threshold.
A small 10 uF low voltage ceramic was tried, but the voltage coefficient of capacitance was
so high that the part did not work in the dimming mode. Capacitance was too low to maintain
power to the chip between dimmed line pulses. High-K ceramic capacitance falls off
dramatically well below the rated voltage. A 10 uF electrolytic was then selected and works
well. Its value can be increased quite a bit without affecting startup time - the charging of the
output capacitor dominates the time from power application to first light. But 10 µF is
adequate.
4.9
COMP pin capacitor
Because the HVLED815PF is used only in current limit mode when driving LEDs, the usual
loop stability compensation network is not needed. Voltage limiting is used only when the
LED string is open (think bench testing…) and it needs to be small so that overvoltage
response is quick. 1 nanofarad is a good value.
4.10
Current sense resistor
This resistor value is determined by the average LED current desired and the turns ratio of
the transformer, according to the following formula:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com