Electronic Components Datasheet Search
  English  ▼

X  

AN4129 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4129
Description  STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4129 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4129 Datasheet HTML 26Page - STMicroelectronics AN4129 Datasheet HTML 27Page - STMicroelectronics AN4129 Datasheet HTML 28Page - STMicroelectronics AN4129 Datasheet HTML 29Page - STMicroelectronics AN4129 Datasheet HTML 30Page - STMicroelectronics AN4129 Datasheet HTML 31Page - STMicroelectronics AN4129 Datasheet HTML 32Page - STMicroelectronics AN4129 Datasheet HTML 33Page - STMicroelectronics AN4129 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Circuit description and design guidance
AN4129
30/39
Doc ID 023314 Rev 1
The rather high current spike at the leading edge is due to the input capacitor charging thru
the fusible resistor. A small inductor may be added to soften this if space permits, but it does
no harm.
Even if Triac dimming is not required the damper should be used. The EMI filter can ring up
the supply voltage to very high levels at turn-on if it is not present, and instability has been
seen without the damper under normal operating conditions.
4.14
EMI plot
The conducted emissions plots for the two input lines are virtually identical. Only one is
shown below. The plot is the maximum of 10 scans for peak power.
Figure 39.
Conducted EMI, peak hold for 10 Scans
4.15
Startup
Figure 40.
Cold startup, input and LED currents
Where:
●
Yellow (not shown) = line voltage, triggers scope
●
Magenta = line current
●
Green = LED current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com