Electronic Components Datasheet Search
  English  ▼

X  

AN4129 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4129
Description  STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4129 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4129 Datasheet HTML 28Page - STMicroelectronics AN4129 Datasheet HTML 29Page - STMicroelectronics AN4129 Datasheet HTML 30Page - STMicroelectronics AN4129 Datasheet HTML 31Page - STMicroelectronics AN4129 Datasheet HTML 32Page - STMicroelectronics AN4129 Datasheet HTML 33Page - STMicroelectronics AN4129 Datasheet HTML 34Page - STMicroelectronics AN4129 Datasheet HTML 35Page - STMicroelectronics AN4129 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Circuit description and design guidance
AN4129
32/39
Doc ID 023314 Rev 1
Figure 41.
Voltage and current stress
●
Yellow = FET drain voltage
●
Blue = FET current, 0.5 A per division.
Note the headroom available. The 800 V rating of the HVLED815PF is unnecessary for 120
V applications.
4.17
Extensions and modifications
4.17.1
Lower output voltage, higher current
The unit was designed for 18 LEDs, but it can easily be modified to drive 9.
The transformer has two secondary windings that are connected in series on the
demonstration board. If the foil is cut between the secondary side center pins, and the
outside pin pairs connected, the secondary voltage is halved. The current regulating
circuitry now sees a different turns ratio, and correctly regulates at twice the load current.
Some other changes must also be made if this is done:
●
Change snubber capacitor C10 to a high-quality part of four times the value, such as a
1200 pF COG ceramic rated for 200 V.
●
Change diode D3 to a 150 V Schottky type such as ST's STPS1150 to reduce voltage
drop. Efficiency is reduced it this change is not made.
●
Change the output capacitor to one having 4 times the capacitance and half the voltage
rating, 1200 µF at 35 V. This maintains the ripple current near the same percentage as
the original.
●
If a preload resistor is used, change it to one having ¼ the original resistance.
4.17.2
EMI filter alternatives
A second pattern was included on the PC board to allow experiments with a different filter
configuration. A common mode filter may be needed in some applications, but it requires the
damping network to be re-tuned. A small CM choke (such as Wurth, part number
750311897) does a better job of suppressing common mode noise. This inductor type has
another feature - the differential mode inductance is relatively high and stable, simplifying
the damper design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com