Electronic Components Datasheet Search
  English  ▼

X  

AN4129 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4129
Description  STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4129 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4129 Datasheet HTML 21Page - STMicroelectronics AN4129 Datasheet HTML 22Page - STMicroelectronics AN4129 Datasheet HTML 23Page - STMicroelectronics AN4129 Datasheet HTML 24Page - STMicroelectronics AN4129 Datasheet HTML 25Page - STMicroelectronics AN4129 Datasheet HTML 26Page - STMicroelectronics AN4129 Datasheet HTML 27Page - STMicroelectronics AN4129 Datasheet HTML 28Page - STMicroelectronics AN4129 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
AN4129
Circuit description and design guidance
Doc ID 023314 Rev 1
25/39
Figure 30.
Conducted EMI limits
We design for peak noise at the FCC limit at 150 kHz. The design leaves some margin due
to the frequency selection. Peak-to-peak of the 2 mVrms limit is about 6 mV per line relative
to ground.
The input filter is shown below.
Figure 31.
Input EMI filter
The typical differential filter consists of 4 components. Starting at the noise source these
are:
●
Shunt capacitor on the converter input (C1)
●
Series inductor L1 and L2 in series, or differential (leakage) inductance of a common
mode choke
●
Shunt capacitor across line (C2)
●
Line impedance (in the LISN, about 100
Ω line-to-line, 50 Ω line-to-ground at
measurement frequencies).
4.12.1
Supporting the flyback input current
First we consider the differential current drawn by the converter. The input current waveform
at line peak is sketched below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com