Electronic Components Datasheet Search
  English  ▼

X  

AN1537 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1537 Datasheet HTML 2Page - STMicroelectronics AN1537 Datasheet HTML 3Page - STMicroelectronics AN1537 Datasheet HTML 4Page - STMicroelectronics AN1537 Datasheet HTML 5Page - STMicroelectronics AN1537 Datasheet HTML 6Page - STMicroelectronics AN1537 Datasheet HTML 7Page - STMicroelectronics AN1537 Datasheet HTML 8Page - STMicroelectronics AN1537 Datasheet HTML 9Page - STMicroelectronics AN1537 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AN1537 APPLICATION NOTE
6/18
Figure 5. 45W AC-DC adapter: fsw vs. Iout (left); Pin (@ Pout = 0) and fsw vs. ambient temperature (right)
Figure 6. 45W AC-DC adapter: waveforms @ Pout = 45W
Figure 7. 45W AC-DC adapter: waveforms @ Pout = 7W, just after the abrupt frequency shift
0.001
0.01
0.1
1
3
5
10
20
30
50
100
Iout [A]
fsw [kHz]
Tamb = 25 °C
Vin = 110 Vac, 230 Vac
-20
0
20
40
60
80
3
4
5
6
7
0.54
0.55
0.56
0.57
0.58
Tamb[°C]
fsw [kHz]
Pin [W]
fsw
Pin
Pout = 0 W
Vin = 264 Vac
RCT (pin 2 of L5991)
Q1 Drain
Vin = 220 Vac, Pout = 45W
RCT (pin 2 of L5991)
Q1 Drain
Vin = 110 Vac, Pout = 45W
Q1 Drain
Vin = 220 Vac, Pout = 7W
Q1 Drain
Vin = 110 Vac, Pout = 7W
RCT (pin 2 of L5991)
RCT (pin 2 of L5991)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com