Electronic Components Datasheet Search
  English  ▼

X  

AN1537 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1537 Datasheet HTML 10Page - STMicroelectronics AN1537 Datasheet HTML 11Page - STMicroelectronics AN1537 Datasheet HTML 12Page - STMicroelectronics AN1537 Datasheet HTML 13Page - STMicroelectronics AN1537 Datasheet HTML 14Page - STMicroelectronics AN1537 Datasheet HTML 15Page - STMicroelectronics AN1537 Datasheet HTML 16Page - STMicroelectronics AN1537 Datasheet HTML 17Page - STMicroelectronics AN1537 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AN1537 APPLICATION NOTE
14/18
Figure 22. 80W AC-DC adapter with PFC, flyback section: load transient 0.1
⇔ 4.5A @ 220Vac
Conclusions
A simple modification of the oscillator allows optimizing L5991-based converters to achieve a considerable de-
crease of the no-load consumption. This has been proved in a 45W AC-DC adapter and in an 80W power-factor-
corrected adapter, where the optimization here proposed has brought a reduction of the no-load input consump-
tion up to 400mW at high line.
This is the result of concurrent improvements. The modification to the oscillator allows very low switching fre-
quency under no-load conditions without a large fosc to fSB ratio. The resulting lower VCOMP jump provides more
headroom for overshoots and undershoots, so that it has been possible to enlarge the bandwidth of the control
loop without any frequency instability. In turn, the faster response due to the larger bandwidth has allowed the
reduction of the dummy load on the output, without compromising correct start-up when the adapter is unloaded.
The lower residual load and the loss reduction due to the very low oscillator frequency, results in a dramatic
decrease of the power absorbed from the mains at no load.
REFERENCES
[1]
"L5991/L5991A Primary Controller with Standby" Datasheet
[2]
"Minimize Power Losses of Lightly Loaded Flyback Converters with the L5991 PWM Controller" (AN1049)
[3]
"45W AC-DC Adapter with Standby Function" (AN1134)
[4]
"80W Power-factor-corrected AC-DC Adapter with Standby Using the L6561 and the L5991A" (AN1440)
Iout
Vout
COMP (pin 6 of L5991)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com