Electronic Components Datasheet Search
  English  ▼

X  

AN1537 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1537 Datasheet HTML 8Page - STMicroelectronics AN1537 Datasheet HTML 9Page - STMicroelectronics AN1537 Datasheet HTML 10Page - STMicroelectronics AN1537 Datasheet HTML 11Page - STMicroelectronics AN1537 Datasheet HTML 12Page - STMicroelectronics AN1537 Datasheet HTML 13Page - STMicroelectronics AN1537 Datasheet HTML 14Page - STMicroelectronics AN1537 Datasheet HTML 15Page - STMicroelectronics AN1537 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AN1537 APPLICATION NOTE
12/18
Figure 16. 80W AC-DC adapter with PFC: Pin (@ Pout = 0) and fsw vs. ambient temperature
The diagrams in figure 15 illustrate the relationship between output current, input voltage and switching fre-
quency obtained with the modified oscillator. Unlike the previously considered design, in this case the internal
propagation delay of the current sense pin is not compensated, then VCOMP changes slightly with the input volt-
age and then there is a variation of the oscillator frequency.
The diagrams of figure 16 illustrate the very limited temperature effect on both the oscillator frequency and the
no-load input consumption at both nominal voltages in the temperature range 0-70 °C.
Figure 17. 80W AC-DC adapter with PFC, flyback section: waveforms @ Pout = 80W
Figure 18. 80W AC-DC adapter with PFC, flyback section: waveforms @ Pout = 30W
-20
0
20
40
60
80
2
4
6
8
10
12
0.24
0.26
0.28
0.3
0.32
0.34
Tamb[°C]
fsw [kHz]
Pin [W]
fsw
Pin
Pout = 0 W
Vin = 110 Vac
-20
0
20
40
60
80
2
4
6
8
10
12
0.36
0.38
0.4
0.42
0.44
0.46
Tamb[°C]
fsw [kHz]
Pin [W]
fsw
Pin
Pout = 0 W
Vin = 230 Vac
Q2 Drain
RCT (pin 2 of L5991)
Vin = 110 Vac, Pout = 30W
Vin = 230 Vac, Pout = 30W
Q1 Drain
Q1 Drain
RCT (pin 2 of L5991)
RCT (pin 2 of L5991)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com