Electronic Components Datasheet Search
  English  ▼

X  

AN1537 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1537 Datasheet HTML 10Page - STMicroelectronics AN1537 Datasheet HTML 11Page - STMicroelectronics AN1537 Datasheet HTML 12Page - STMicroelectronics AN1537 Datasheet HTML 13Page - STMicroelectronics AN1537 Datasheet HTML 14Page - STMicroelectronics AN1537 Datasheet HTML 15Page - STMicroelectronics AN1537 Datasheet HTML 16Page - STMicroelectronics AN1537 Datasheet HTML 17Page - STMicroelectronics AN1537 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17/18
AN1537 APPLICATION NOTE
To calculate VCOMP0, Pin needs to be estimated considering the power processed by the transformer under no-
load conditions. It is possible to use the following formula:
Pin = 1.25(Vout Ioutres + Vaux Iaux) ,
(A6)
where Ioutres is the residual output current (through the output divider, through the optocoupler's LED, as well
as any residual dummy load resistor), Vaux is the voltage generated by the auxiliary winding that supplies the
L5991 (and the L6561 in the 80W adapter) and Iaux the total consumption on this winding (quiescent current of
the L5991, of the L6561 too in the 80W adapter, optocoupler's transistor current and the consumption of any
circuit supplied by the reference voltage of the L5991 or directly connected to its supply bus). The coefficient
1.25 stems from an estimated efficiency of 80% that experiments have shown many flyback transformers fea-
ture under no-load conditions, almost regardless of their size, parameters and construction.
It is obvious that the estimate of Pin is the weak point of this design procedure. Since it is essentially the asymp-
tote of the oscillator waveform that governs the oscillator frequency, even some ten mV variation of VCOMP0 may
change the frequency considerably. A small error in the assessment of VCOMP0, then, could lead to a value for
RC that gives an fmin away from the target. This is why it is recommended to use the result of the calculation as
a starting point that has to be checked on the bench and, in case, corrected after the experiments. For com-
pleteness, it must be said also that under no-load conditions VCOMP is far from being a perfect DC voltage, as
shown in the diagrams of figure A2.
45W adapter example calculation
With CT = 3.3nF, RA and RB are 12kΩ each. The residual output load is 40mW, the total consumption of the
auxiliary winding is estimated around Iaux = 10mA, that is 110mW assuming Vaux = 11V. Then, using (A6):
Pin ≈ 1.25 (0.04 + 0.11) = 0.188W .
VCOMP0 will be given by (A5), where it is assumed a perfect propagation delay compensation:
.
From (A3):
use standard value 5.9k
Ω.
From (A4), considering Tamb = 0°C, then VF = 0.563V:
use standard value 8.2k
Ω.
80W adapter example calculation
With CT = 3.3nF, we get RA =15kΩ and RB = 11kΩ. The residual output load is 40mW, the total estimated con-
sumption of the auxiliary winding is Iaux = 12mA, that is 120mW assuming Vaux = 10V. Then, using (A6):
Pin ≈ 1.25 (0.04 + 012) = 0.2W
VCOMP0 will be given by (A5):
.
From (A3):
use standard value 7.5k
Ω
From (A4) ), considering Tamb = 0 °C, then VF = 0.563 V:
use standard value 5.6k
Ω.
V
COM P0
1.4
3 0.47
2 0.188
⋅
510
3
400 10
6
–
⋅⋅
⋅
------------------------------------------------
⋅
+
2.011V
==
R
C
12 10
3
3
2.011
–
2
------------------------
⋅
5.934 10
3
⋅
==
R'
5.9 10
3
2.011
0.563
–
3
2.011
–
------------------------------------
⋅
<
8.638 10
3
⋅
=
V
COM P
0
1.4
3 0.28
20.2
⋅
510
3
430 10
6
–
⋅⋅
⋅
------------------------------------------------
375 200 10
9
–
⋅⋅
430 10
6
–
⋅
-----------------------------------------
–



⋅
+
1.616 V
==
R
C
11 10
3
3
1.616
–
2
------------------------
⋅
7.612 10
3
⋅
==
R'
7.5 10
3
1.616
0.563
–
3
1.616
–
------------------------------------
⋅⋅
<
5.706 10
3
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com