Electronic Components Datasheet Search
  English  ▼

X  

AN1537 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1537 Datasheet HTML 7Page - STMicroelectronics AN1537 Datasheet HTML 8Page - STMicroelectronics AN1537 Datasheet HTML 9Page - STMicroelectronics AN1537 Datasheet HTML 10Page - STMicroelectronics AN1537 Datasheet HTML 11Page - STMicroelectronics AN1537 Datasheet HTML 12Page - STMicroelectronics AN1537 Datasheet HTML 13Page - STMicroelectronics AN1537 Datasheet HTML 14Page - STMicroelectronics AN1537 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
AN1537 APPLICATION NOTE
80W AC-DC adapter with PFC: evaluation results
The following diagrams compare the performance of the original design ("standard standby") with that of the
modified one ("improved standby").
To be noted in figure 14, the no-load consumption is slightly less than 0.5W @ 264Vac, then the modified 80W
adapter now meets the ECC limits, Phase 3 for the 15-50W bracket (< 0.5W @230Vac).
Figure 14. 80W AC-DC adapter with PFC: light load input consumption comparison
Figure 15. 80W AC-DC adapter with PFC: fsw vs. Iout (left); fsw vs. Vin (right)
50
100
150
200
250
300
0,8
0,9
1
1,1
1,2
1,3
1,4
1,5
Vin [Vac]
Pin [W]
Pout = 0.5 W
Tamb= 25 °C
standard standby
improved standby
50
100
150
200
250
300
0,4
0,6
0,8
1
1,2
1,4
Vin [Vac]
Pin [W]
Pout = 0.3 W
Tamb= 25 °C
standard standby
improved standby
50
100
150
200
250
300
0,2
0,4
0,6
0,8
1
Vin [Vac]
Pin [W]
Pout = 0 W
Tamb= 25 °C
standard standby
improved standby
50
100
150
200
250
300
2
4
6
8
10
12
14
16
18
Vin [Vac]
fsw [kHz]
Tamb= 25 °C
Pout = 0.5W
Pout = 0.3W
Pout = 0W
0.001
0.01
0.1
1
3
5
10
20
30
50
100
Iout [A]
fsw [kHz]
Tamb = 25 °C
Vin = 230 Vac
Vin = 110 Vac
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com