Electronic Components Datasheet Search
  English  ▼

X  

AN1537 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1537 Datasheet HTML 1Page - STMicroelectronics AN1537 Datasheet HTML 2Page - STMicroelectronics AN1537 Datasheet HTML 3Page - STMicroelectronics AN1537 Datasheet HTML 4Page - STMicroelectronics AN1537 Datasheet HTML 5Page - STMicroelectronics AN1537 Datasheet HTML 6Page - STMicroelectronics AN1537 Datasheet HTML 7Page - STMicroelectronics AN1537 Datasheet HTML 8Page - STMicroelectronics AN1537 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
AN1537
APPLICATION NOTE
May 2003
Introduction
L5991's Standby function is a valuable help in reducing light-load input consumption of offline converters and
making them compliant with energy saving standards such as EnergyStar, Energy2000 and others. This func-
tion, optimized for flyback topology, is the ability of automatically - and abruptly - reducing the oscillator frequen-
cy (i.e. converter's switching frequency) as the converter's load falls below a defined threshold and restoring the
normal oscillator frequency as the load increases and exceeds a second threshold.
The frequency shift allows minimizing power losses related to switching frequency, which represent most of
losses at light or no load, without giving up the advantages of a higher switching frequency at full load.
Being the L5991 a current-mode controller [1], the output voltage (VCOMP) of its error amplifier (pin 6, COMP),
except for an offset, is proportional to the peak primary current and then to the energy handled by the transform-
er cycle by cycle. It is then possible to deduce converter's load conditions by monitoring VCOMP.
Figure 1. L5991's Standby function operation: fsw vs. VCOMP locus (left) and VCOMP vs. Pin locus (right).
If the peak primary current decreases as a result of a decrease of the power demanded by the load and VCOMP
falls below a fixed threshold (VT1), the oscillator frequency will be set at a lower value (fSB). If now the peak
primary current increases and VCOMP exceeds a second threshold (VT2 > VT1) the oscillator frequency will be
reset at the normal value (fosc). Since the frequency shift causes VCOMP to shift too but in the opposite direction
for energy balance reasons, an appropriate hysteresis (VT2-VT1) is provided to prevent the oscillator frequency
from switching back and forth between fSB and fosc. This operation is shown in fig. 1.
The L5991 allows programming both the normal and the standby frequency. VT1 and VT2 are internally fixed but
123
4
Pin
fosc
fSB
VT1
VT2
Normal operation
Standby
VCOMP
fosc
fSB
VT1
PNO
PSB
VT2
Normal operation
Standby
VCOMP
Undershoot
during transition
Overshoot
during transition
1
234
fsw
by C. Adragna and G. Gattavari
A SIMPLE TRICK ENHANCES
L5991’s STANDBY FUNCTION
This application notes describes a simple technique that allows improving the Standby function of the
advanced PWM controller L5991. The price to pay for that is the addition of just two resistors and two
diodes, but the benefit brought in terms of no-load consumption in mains-operated converters is worth
this small fee. The effectiveness of the improved Standby function will be proved and assessed on a
couple of existing designs.


Similar Part No. - AN1537

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1530 STMICROELECTRONICS-AN1530 Datasheet
75Kb / 12P
ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC OSCILLATOR
07-Jan-2002
AN1534 STMICROELECTRONICS-AN1534 Datasheet
72Kb / 4P
TS971 based Electret Condenser Microphone amplifier
Jun-2002
More results

Similar Description - AN1537

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1280CI AOSMD-AOZ1280CI Datasheet
656Kb / 13P
EZBuck??1.2 A Simple Buck Regulator
AOZ1281DI AOSMD-AOZ1281DI Datasheet
648Kb / 12P
EZBuck??1.8 A Simple Buck Regulator
logo
Richtek Technology Corp...
RT9045A RICHTEK-RT9045A Datasheet
168Kb / 11P
The RT9045A is a simple
logo
Kingbright Corporation
WP934CA-2SRD-90 KINGBRIGHT-WP934CA-2SRD-90 Datasheet
358Kb / 5P
Black case enhances contrast ratio
logo
Silicon Laboratories
AN614 SILABS-AN614 Datasheet
1Mb / 10P
A SIMPLE ALTERNATIVE TO ANALOG ISOLATION AMPLIFIERS
logo
Texas Instruments
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
8-A SIMPLE SWITCHER Power Module
LMZ20501 TI1-LMZ20501 Datasheet
1Mb / 34P
1.0 A SIMPLE SWITCHER짰 Nano Module
logo
Maxim Integrated Produc...
MAX17558 MAXIM-MAX17558 Datasheet
1Mb / 28P
Enhances Power Efficiency
Rev 1; 3/16
logo
ON Semiconductor
NXH35C120L2C2ESG ONSEMI-NXH35C120L2C2ESG Datasheet
690Kb / 9P
TMPIM 35 A Enhances CIB Module
March, 2020 ??Rev. 0
NXH35C120L2C2ESG ONSEMI-NXH35C120L2C2ESG_V01 Datasheet
615Kb / 9P
TMPIM 35 A Enhances CIB Module
October, 2020 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com