Electronic Components Datasheet Search
  English  ▼

X  

AN1537 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1537 Datasheet HTML 4Page - STMicroelectronics AN1537 Datasheet HTML 5Page - STMicroelectronics AN1537 Datasheet HTML 6Page - STMicroelectronics AN1537 Datasheet HTML 7Page - STMicroelectronics AN1537 Datasheet HTML 8Page - STMicroelectronics AN1537 Datasheet HTML 9Page - STMicroelectronics AN1537 Datasheet HTML 10Page - STMicroelectronics AN1537 Datasheet HTML 11Page - STMicroelectronics AN1537 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AN1537 APPLICATION NOTE
8/18
Figure 11. 45W AC-DC adapter: load transient 0.1
⇔ 2.5A @ 220Vac
Optimization of a 80W AC-DC adapter with PFC
Table 4 summarizes the items of the electrical spec of this adapter more relevant to this context. Please refer
to [4] for full electrical spec and evaluation data, as well as for a detailed description.
Table 4. 80W AC-DC adapter with PFC: electrical specification of the original design
The full-load input power is greater than 100W, then this adapter is actually out of the scope of the ECC. Its no
load consumption (0.9W @265Vac, 0.7W @220 Vac), however, is within the Phase 1 limit (1W) and not far
from that of Phase 2 and 3 (0.75W @230 Vac) for the highest power bracket.
Again, the target of the optimization is to meet Phase 3 limit @Vin = 264 Vac. Figure 12 shows the electrical
schematic with the added and modified components highlighted. Only these changes, which track those made
in the previously considered design plus those related to the PFC stage, will be discussed
Input Voltage Range (Vin)
90 to 265Vac
Mains Frequency (fL)
50/60Hz
Maximum Output Power (Poutmax)
80W
Output
Vout = 18Vdc ± 2%
Iout = 0 to 4.5A
Vripple ≤ 1%
Line and Load regulation
< 1%
Switching Frequency (Flyback, @ Pout = 80W)
65kHz
Switching Frequency (Flyback, @ Pout = 0W)
20kHz
Target Overall Efficiency (@ Pout = 80W, Vin = 90÷265Vac)
η > 75%
Maximum No-load Input Power (Vin = 90 ÷265Vac)
< 1W
Iout
Vout
COMP (pin 6 of L5991)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com