Electronic Components Datasheet Search
  English  ▼

X  

AN1625 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 7Page - STMicroelectronics AN1625 Datasheet HTML 8Page - STMicroelectronics AN1625 Datasheet HTML 9Page - STMicroelectronics AN1625 Datasheet HTML 10Page - STMicroelectronics AN1625 Datasheet HTML 11Page - STMicroelectronics AN1625 Datasheet HTML 12Page - STMicroelectronics AN1625 Datasheet HTML 13Page - STMicroelectronics AN1625 Datasheet HTML 14Page - STMicroelectronics AN1625 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11/39
AN1625 APPLICATION NOTE
2.9 Input Logic pins
H1, H2, H3, FWD/REV, BRAKE, ENABLE, are CMOS/TTL compatible logic input pins. The input comparator
has been realized with hysteresis to ensure the required noise immunity. Typical values for turn-on and turn-off
thresholds are VTH(ON) = 1.8 V and VTH(OFF) = 1.3 V. Pins are ESD protected (see Figure 10) (2kV human-body
electro-static discharge), and can be directly connected to the logic outputs of a µC; a series resistor is generally not
recommended, as it could help inducted noise to disturb the inputs. All logic pins enforce a specific behavior and can-
not be left unconnected. If connected to the DIAG pin, EN pin must be driven through a series resistor of 2.2 k
Ω min-
imum (for 5 V logic), to allow the voltage at the pin to be pulled below the turn-off threshold (see below).
Figure 10. Logic input pins.
2.10 DIAG pin
DIAG pin is an open-drain output pulled to GND in case of overcurrent or over temperature conditions. Connect-
ing this pin to EN will allow the internal open drain to disable all the power DMOS of the L6235, provided that
the EN pin is driven through a resistor (see Input Logic pins).
A capacitor (C1 in Figure 5 and Figure 11) connected between EN and DIAG pins and GND is also recommend-
ed, to reduce the r.m.s. value of the output current when overcurrent conditions persist (see Over Current Pro-
tection section).
Figure 11. DIAG pin.
5 V
H1, H2 H3,
FWD/REV, BRAKE,
ENABLE
ESD
Protection
DIAG
EN
C1
R1
µC or Logic
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com