Electronic Components Datasheet Search
  English  ▼

X  

AN1625 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 8Page - STMicroelectronics AN1625 Datasheet HTML 9Page - STMicroelectronics AN1625 Datasheet HTML 10Page - STMicroelectronics AN1625 Datasheet HTML 11Page - STMicroelectronics AN1625 Datasheet HTML 12Page - STMicroelectronics AN1625 Datasheet HTML 13Page - STMicroelectronics AN1625 Datasheet HTML 14Page - STMicroelectronics AN1625 Datasheet HTML 15Page - STMicroelectronics AN1625 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
AN1625 APPLICATION NOTE
12/39
2.11 Programmable off-time Monostable
The L6235 includes a constant off time PWM Current Controller. The current control circuit senses the bridge
current by sensing the voltage drop across an external sense resistor connected between the source of the
three lower power MOS transistors and ground, as shown in Figure 12. As the current in the motor increases
the voltage across the sense resistor increases proportionally. When the voltage drop across the sense resistor
becomes greater than the voltage at the reference input pin VREF the sense comparator triggers the
monostable switching the bridge off. The power MOS remain off for the time set by the monostable and the mo-
tor current recirculates around the upper half of the bridge in Slow Decay Mode as described in the next section.
When the monostable times out, the bridge will again turn on. Since the internal dead time, used to prevent
cross conduction in the bridge, delays the turn on of the power MOS, the effective Off Time tOFF is the sum of
the monostable time plus the dead time.
Figure 13 shows the typical operating waveforms of the output current, the voltage drop across the sensing re-
sistor, the pin RC voltage and the status of the bridge. More details regarding the Synchronous Rectification and
the output stage configuration are included in the next section.
Immediately after the Power MOS turn on, a high peak current flows through the sense resistor due to the re-
verse recovery of the freewheeling diodes. The L6235 provides a 1µs Blanking Time tBLANK that inhibits the
comparator output so that the current spike cannot prematurely retrigger the monostable.
Figure 12. PWM Current Controller Simplified Schematic
DRIVERS
+
DEAD TIME
S
Q
R
DRIVERS
+
DEAD TIME
DRIVERS
+
DEAD TIME
OUT3
OUT2
SENSEB
SENSEA
RSENSE
D02IN1380
RCOFF
ROFF
COFF
VREF
OUT1
+
+
-
-
1
µs
5mA
BLANKER
SENSE
COMPARATOR
MONOSTABLE
SET
2.5V
5V
FROM THE
LOW-SIDE
GATE DRIVERS
BLANKING TIME
MONOSTABLE
VSB
VS
VSA
TO GATE
LOGIC
(0)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com