Electronic Components Datasheet Search
  English  ▼

X  

AN1625 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 23Page - STMicroelectronics AN1625 Datasheet HTML 24Page - STMicroelectronics AN1625 Datasheet HTML 25Page - STMicroelectronics AN1625 Datasheet HTML 26Page - STMicroelectronics AN1625 Datasheet HTML 27Page - STMicroelectronics AN1625 Datasheet HTML 28Page - STMicroelectronics AN1625 Datasheet HTML 29Page - STMicroelectronics AN1625 Datasheet HTML 30Page - STMicroelectronics AN1625 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
27/39
AN1625 APPLICATION NOTE
Figure 29. Control loop block diagram.
Can be noticed that since the motor is current controlled, the electrical time constant of the motor (L/R) does not
appear in any transfer function.
With the following values, module and phase of Gloop are shown in Figure 30.
KT = 9.8 mNm/A
D = 3.34 µNms/rad
J = 6.5 µkgm2
TR = 4 mNm
τM = J/D = 1.95 s (mechanical pole at 0.08 Hz)
n = 2
ωm = 2618 rad/s (25000 r.p.m.)
ftacho = nωm / 2π = 833 Hz
Vpullup = 5V
tpulse = 1 ms
Rfb1 = 100 kΩ
Rfb2 = 1 MΩ
C = 33 nF
R1 = 5.6 kΩ
R2 = 1.8 kΩ
RSENSE = 0.33Ω
G
loop s
()
G
op
am p
–
Gω v
–
G
1
k
T
⋅⋅
⋅
–
D1
s
τ
I
+
() 1sτ
M
+
()
⋅⋅
----------------------------------------------------------------------
=
2
1
2
R
R
R
+
SENSE
R
1
1
2
fb
fb
R
R
2
π
n
t
V
pulse
pullup
M [rad/s]
<vTACHO> [V ]
<vOp-Amp>
[V ]
<vref> [V]
<Ipk, Motor> [A]
I
s
τ
+
1
1
T
k
M
s
τ
D
+
1
/
1
T [Nm]
TR [Nm]
+
_
+
_
+
+
Gop-amp
G1
G ω - v
Vspeed [V]
Gmotor
ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com