Electronic Components Datasheet Search
  English  ▼

X  

AN1625 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 14Page - STMicroelectronics AN1625 Datasheet HTML 15Page - STMicroelectronics AN1625 Datasheet HTML 16Page - STMicroelectronics AN1625 Datasheet HTML 17Page - STMicroelectronics AN1625 Datasheet HTML 18Page - STMicroelectronics AN1625 Datasheet HTML 19Page - STMicroelectronics AN1625 Datasheet HTML 20Page - STMicroelectronics AN1625 Datasheet HTML 21Page - STMicroelectronics AN1625 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
AN1625 APPLICATION NOTE
18/39
The total intervention time is
where
tOCD(OFF), tOCD(ON), tD(ON)EN, tD(OFF)EN, and ROPDR are device intrinsic parameters, VDD is the pull-up voltage
applied to REN.
The external RC network, CEN in particular, must be chosen obtaining a reasonable fast OCD intervention (short
tDELAY) and a safe disable time (long tDISABLE). Figure 19 shows both tDISABLE and tDELAY as a function of CEN:
at least 100µs for tDISABLE are recommended, keeping the delay time below 1÷2µs at the same time.
The internal open drain can also be turned on if the device experiences an over temperature (OVT) condition.
The OVT will cause the device to shut down when the die temperature exceeds the OVT threshold (TJ>165 °C
typ.).
Since the OVT is also connected directly to the gate drive circuit (see Figure 1), all the Power DMOS will shut
down, even if EN pin voltage is still over Vth(OFF). When the junction temperature falls below the OVT turn-off
threshold (150 °C typ.), the open drain turns off, CEN is recharged up to VTH(ON) and then the PowerDMOS are
turned on back.
V
EN LO W
()
V
TH O FF
() e
t
DO FF
()
t
OCD O FF
()
+
R
OPD R
C
EN
⋅
--------------------------------------------------


⋅
=
t
DE LAY
t
OC D O N
()
t
EN F ALL
()
t
DO FF
()EN
++
=
t
EN F ALL
()
R
OPD R
C
EN
V
DD
V
TH OF F
()
-------------------------


ln
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com