Electronic Components Datasheet Search
  English  ▼

X  

AN1625 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 20Page - STMicroelectronics AN1625 Datasheet HTML 21Page - STMicroelectronics AN1625 Datasheet HTML 22Page - STMicroelectronics AN1625 Datasheet HTML 23Page - STMicroelectronics AN1625 Datasheet HTML 24Page - STMicroelectronics AN1625 Datasheet HTML 25Page - STMicroelectronics AN1625 Datasheet HTML 26Page - STMicroelectronics AN1625 Datasheet HTML 27Page - STMicroelectronics AN1625 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
AN1625 APPLICATION NOTE
24/39
Figure 25. Thermal Data inputs and results
2.14 The decoding logic
The L6235 integrated decoding logic provides the correct sequence on the three outputs for motors with both
60° and 120° spaced hall effect sensors signals. The sensors' outputs are directly connected to the H1, H2, H3
inputs of the device. The table below reports the output configurations for all possible hall effect input signals.
Hall 120°
12
3a
-
4
5
6a
-
Hall 60°
12
-
3b
4
5
-
6b
H1
HH
L
H
L
L
H
L
H2
LH
H
H
H
L
L
L
H3
L
L
L
HHH
H
L
OUT1
Vs
High Z
GND
GND
GND
High Z
Vs
Vs
OUT2
High Z
Vs
Vs
Vs
High Z
GND
GND
GND
OUT3
GND
GND
High Z
High Z
Vs
Vs
High Z
High Z
Phasing
1->3
2->3
2->1
2->1
3->1
3->2
1->2
1->2
Input Data
Package
PowerSO36
Copper Area
5.0
1÷10 sq. cm
Copper Area is on
Same side of the device
Ground Layer
YES
Ambient Tem perature
50
-25 ÷ 100 ºC
Results
Thermal Resistance
Junction to Ambient
20.81
ºC / W
Thermal Resistance
Junction to Pins / Slug
1.00
ºC / W
Estimated Junction
Temperature
99.35
ºC
Estimated
Pins / Slug Temperature
96.98
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com