Electronic Components Datasheet Search
  English  ▼

X  

AN1625 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 16Page - STMicroelectronics AN1625 Datasheet HTML 17Page - STMicroelectronics AN1625 Datasheet HTML 18Page - STMicroelectronics AN1625 Datasheet HTML 19Page - STMicroelectronics AN1625 Datasheet HTML 20Page - STMicroelectronics AN1625 Datasheet HTML 21Page - STMicroelectronics AN1625 Datasheet HTML 22Page - STMicroelectronics AN1625 Datasheet HTML 23Page - STMicroelectronics AN1625 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
AN1625 APPLICATION NOTE
20/39
2.13 Power Management
Even when operating at current levels well below the maximum ratings of the device, the operating junction tem-
perature must be kept below 125 °C.
Figure 20 shows the IC dissipated power versus the r.m.s. load current, in 4 different driving sequences, assum-
ing the supply voltage is 24V.
Figure 20. IC Dissipated Power versus Output Current.
2.13.1 Maximum output current vs. selectable devices
Figure 21 reports a performance comparison between L6229 (std. power) and L6235 (high power) for different
packages, with the following assumptions:
- Supply voltage: 24 V; Switching frequency: 30 kHz.
- Tamb = 25 °C, TJ = 125 °C.
- Maximum RDS(ON) (taking into account process spread) has been considered, @ 125 °C.
- Maximum quiescent current IQ (taking into account process spread) has been considered.
- PCB is a FR4 with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm) for
SO and PowerDIP packages (D, N suffixes).
- PCB is a FR4 with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm), 16
via holes and a ground layer for the PowerSO package (PD suffix).
- For each device (on the x axis) y axis reports the maximum output current.
No PWM
f
SW = 30 kHz (slow decay)
Test Condition s:
Supply Voltage = 24 V
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
P
I
OUT
[A]
D [W]
IOUT
I1
I3
I2
IOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com