Electronic Components Datasheet Search
  English  ▼

X  

AN2448 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2448
Description  This document describes a low power adapter that can be used in travel battery charger applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2448 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2448 Datasheet HTML 3Page - STMicroelectronics AN2448 Datasheet HTML 4Page - STMicroelectronics AN2448 Datasheet HTML 5Page - STMicroelectronics AN2448 Datasheet HTML 6Page - STMicroelectronics AN2448 Datasheet HTML 7Page - STMicroelectronics AN2448 Datasheet HTML 8Page - STMicroelectronics AN2448 Datasheet HTML 9Page - STMicroelectronics AN2448 Datasheet HTML 10Page - STMicroelectronics AN2448 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN2448
Electrical behavior
7/21
2
Electrical behavior
Figure 3 and Figure 4 show all the VIPer12A-E waveforms during normal operation at full
load. The converter operates in DCM at both 115 Vrms and 230 Vrms:
Figure 3.
Vin = 115 Vrms - 60 Hz
CH1: VIPer12A-E supply voltage (yellow)
CH2: VIPer12A-E feedback pin (red)
CH3: VIPer12A-E drain voltage (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com