Electronic Components Datasheet Search
  English  ▼

X  

AN2448 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2448
Description  This document describes a low power adapter that can be used in travel battery charger applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2448 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2448 Datasheet HTML 1Page - STMicroelectronics AN2448 Datasheet HTML 2Page - STMicroelectronics AN2448 Datasheet HTML 3Page - STMicroelectronics AN2448 Datasheet HTML 4Page - STMicroelectronics AN2448 Datasheet HTML 5Page - STMicroelectronics AN2448 Datasheet HTML 6Page - STMicroelectronics AN2448 Datasheet HTML 7Page - STMicroelectronics AN2448 Datasheet HTML 8Page - STMicroelectronics AN2448 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Adapter features
AN2448
4/21
1
Adapter features
1.1
Main characteristics
●
Input:
–Vin: 90 ~ 264 Vrms
–
f: 45 ~ 66 Hz
●
Output:
–5.1Vdc ± 2%
–
600 mA
–
Cable drop compensation (0.33 mV/mA)
●
No-load:
–
Pin below 0.3 W
●
Short circuit: protected with nominal current regulation
●
PCB type & size:
–CEM-1
–
Single side 35 µm
–
48 x 18 mm
●
Safety: according to EN60065
●
EMI: according to EN55022 - class B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com