Electronic Components Datasheet Search
  English  ▼

X  

AN2448 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2448
Description  This document describes a low power adapter that can be used in travel battery charger applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2448 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2448 Datasheet HTML 4Page - STMicroelectronics AN2448 Datasheet HTML 5Page - STMicroelectronics AN2448 Datasheet HTML 6Page - STMicroelectronics AN2448 Datasheet HTML 7Page - STMicroelectronics AN2448 Datasheet HTML 8Page - STMicroelectronics AN2448 Datasheet HTML 9Page - STMicroelectronics AN2448 Datasheet HTML 10Page - STMicroelectronics AN2448 Datasheet HTML 11Page - STMicroelectronics AN2448 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical behavior
AN2448
8/21
Figure 4.
Vin = 230 Vrms - 50 Hz
Due to the forward supply, the VDD voltage is directly proportional to the input voltage, so it
is nearly double at 230 Vac with respect to 115 Vac.
The worst case (maximum / minimum) supply voltages for both primary and secondary
sides are shown in Figure 5 and Figure 6.
For the maximum voltages, the converter operates with the maximum load in CV mode (that
is, the maximum output voltage is present, thanks to the cable drop compensation) and with
the maximum input voltage (264 Vac). In this condition the VIPer12A-E has a maximum
supply voltage of 35.2 V and the TSM1052 16.16 V. Minimum voltages are taken with short
circuit on the output (CC regulation) and minimum input voltage (90 Vac). Given this
condition the VIPer12A-E has a minimum supply voltage of 10.48 V and the TSM1052
2.12 V.
CH1: VIPer12A-E supply voltage (yellow)
CH2: VIPer12A-E feedback pin (light blue)
CH3: VIPer12A-E drain voltage (purple)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com