Electronic Components Datasheet Search
  English  ▼

X  

AN2448 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2448
Description  This document describes a low power adapter that can be used in travel battery charger applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2448 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2448 Datasheet HTML 13Page - STMicroelectronics AN2448 Datasheet HTML 14Page - STMicroelectronics AN2448 Datasheet HTML 15Page - STMicroelectronics AN2448 Datasheet HTML 16Page - STMicroelectronics AN2448 Datasheet HTML 17Page - STMicroelectronics AN2448 Datasheet HTML 18Page - STMicroelectronics AN2448 Datasheet HTML 19Page - STMicroelectronics AN2448 Datasheet HTML 20Page - STMicroelectronics AN2448 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AN2448
BOM
19/21
6
BOM
Table 7.
EVALTSM1052 bill of material
Ref
Description
Size
Manufacturer
C1
Electr.cap. 2.2 µF 400 V 105ºC SEK
ø6x11 p2.5
TEAPO/YAGEO
C2
Electr.cap. 4.7 µF 400 V 105ºC SEK
ø8x11 p3.5
TEAPO/YAGEO
C3
Electr.cap. 33 µF 50 V 105ºC
ø5x11 p2.5
C6
Electr.cap. 470 µF 16 V 105ºC SEK
ø8x11 p3.5
TEAPO/YAGEO
C4
Chip capacitor 1.5 nF/250 V X7R
0805
C5
Chip capacitor 330 nF/16 V X7R
0603
C7
Chip capacitor 22 nF/25 V X7R
0603
C8
Chip capacitor 4.7 nF/25 V X7R
0603
C9
Chip capacitor 1 uF/16 V X7R
0603
C10
Chip capacitor 10 nF/50 V X7R
0603
C11
Chip capacitor 1.8 nF/50 V X7R
0603
D1
Single phase bridge S1ZB60
MBS
D2
Diode UF108G
D041
PANJIT
D3 D5
DIODE 1N4148WS
SOD323
D4
Diode STPS3L40S
SMC
STMicroelectronics
F1
Fuse res. 10 Ohm ±5% 2 W
I1
Inductor 1 mH CECL-102K
COILS ELECTR.
IC1
Opto SFH617-A3 X007
SMT
SIEMENS
IC2
I.C. VIPer12AS-E
SO8
STMicroelectronics
IC3
I.C. TSM1052CLT
SOT23-6L
STMicroelectronics
R1
Chip resistor 330 K ±5%
0805
R2
Chip resistor 680 Ohm ±5%
0805
R3
Chip resistor 1 K ±5%
0603
R4
Chip resistor 2.2 Ohm ±5%
0603
R5
Chip resistor 100 Ohm ±5%
0603
R6
Chip resistor 330 Ohm ±5%
0603
R7 R9
Chip resistor 22 K ±1%
0603
R8
Chip resistor 4.7 K ±5%
0603
R10
Chip resistor 10 K ±1%
0603
R11
Chip resistor 0.33 Ohm ±1% 200 ppm
1206
R12
Chip resistor 2.2 K ±5%
0805
R13
Chip resistor 220 K ±5%
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com