Electronic Components Datasheet Search
  English  ▼

X  

AN2448 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2448
Description  This document describes a low power adapter that can be used in travel battery charger applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2448 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2448 Datasheet HTML 6Page - STMicroelectronics AN2448 Datasheet HTML 7Page - STMicroelectronics AN2448 Datasheet HTML 8Page - STMicroelectronics AN2448 Datasheet HTML 9Page - STMicroelectronics AN2448 Datasheet HTML 10Page - STMicroelectronics AN2448 Datasheet HTML 11Page - STMicroelectronics AN2448 Datasheet HTML 12Page - STMicroelectronics AN2448 Datasheet HTML 13Page - STMicroelectronics AN2448 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical behavior
AN2448
10/21
Let's see what happens at the extreme conditions: no load and short circuit.
During no load conditions, the circuit operates in burst mode allowing an input power of less
than 300 mW over the whole input voltage range.
Figure 7.
Vin = 115 Vac - no-load
Figure 8.
Vin = 230 Vac - no-load
CH1: output voltage (yellow)
CH2: VIPer12A-E drain pin (purple)
CH3: TSM1052 supply voltage (green)
CH1: output voltage (yellow)
CH2: VIPer12A-E drain pin (purple)
CH3: TSM1052 supply voltage (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com