Electronic Components Datasheet Search
  English  ▼

X  

AN2448 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2448
Description  This document describes a low power adapter that can be used in travel battery charger applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2448 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2448 Datasheet HTML 1Page - STMicroelectronics AN2448 Datasheet HTML 2Page - STMicroelectronics AN2448 Datasheet HTML 3Page - STMicroelectronics AN2448 Datasheet HTML 4Page - STMicroelectronics AN2448 Datasheet HTML 5Page - STMicroelectronics AN2448 Datasheet HTML 6Page - STMicroelectronics AN2448 Datasheet HTML 7Page - STMicroelectronics AN2448 Datasheet HTML 8Page - STMicroelectronics AN2448 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
July 2007
Rev 1
1/21
AN2448
Application note
EVALTSM1052: Ultra small battery charger using TSM1052
Introduction
This document describes a low power adapter that can be used in travel battery charger
applications. It uses the new Constant Voltage Constant Current (CVCC) controller
TSM1052, which is housed in one of the smallest packages available (SOT23-6L). Thanks
to its low consumption and low operating voltage, good electrical performance is achieved.
Another important feature of this SMPS is the absence of the Y1 safety capacitor between
primary and secondary grounds.
Figure 1.
EVALTSM1052 demo board
www.st.com


Similar Part No. - AN2448

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2440 STMICROELECTRONICS-AN2440 Datasheet
246Kb / 13P
The Error Code Correction
15-Jan-2013
AN2441 STMICROELECTRONICS-AN2441 Datasheet
242Kb / 14P
Low cost effective oscillator for STR71x MCUs
02-Apr-2007
AN2442 STMICROELECTRONICS-AN2442 Datasheet
227Kb / 22P
Using the STR91xFA DMA controller
02-Jun-2008
AN2443 STMICROELECTRONICS-AN2443 Datasheet
471Kb / 15P
PLC actuator high-side driver solution with CMOS interface
14-Dec-2006
AN2446 STMICROELECTRONICS-AN2446 Datasheet
233Kb / 13P
STEVAL-IHT002V1 Intelligent thermostat for compressor based on ST7Ultralite MCU
14-Feb-2007
More results

Similar Description - AN2448

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2242 STMICROELECTRONICS-AN2242 Datasheet
571Kb / 31P
This document describes a reference design
05-Dec-2005
AN2432 STMICROELECTRONICS-AN2432 Datasheet
636Kb / 27P
This document describes a 60W adapter application using
23-Oct-2006
AN2950 STMICROELECTRONICS-AN2950 Datasheet
1Mb / 37P
This document describes
29-Apr-2010
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
This document describes
26-Aug-2011
AN4106 STMICROELECTRONICS-AN4106 Datasheet
3Mb / 39P
This document describes a 12 V-1 A power supply
16-Oct-2012
AN4116 STMICROELECTRONICS-AN4116 Datasheet
3Mb / 38P
This document describes a 12 V-350 mA power supply
23-Jan-2013
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
This document describes
20-Sep-2011
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
This document describes
17-Jun-2009
logo
Silicon Laboratories
AN616 SILABS-AN616 Datasheet
1Mb / 28P
This document contains a complete test report that describes
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
This document describes the operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com