Electronic Components Datasheet Search
  English  ▼

X  

AN2448 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2448
Description  This document describes a low power adapter that can be used in travel battery charger applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2448 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2448 Datasheet HTML 10Page - STMicroelectronics AN2448 Datasheet HTML 11Page - STMicroelectronics AN2448 Datasheet HTML 12Page - STMicroelectronics AN2448 Datasheet HTML 13Page - STMicroelectronics AN2448 Datasheet HTML 14Page - STMicroelectronics AN2448 Datasheet HTML 15Page - STMicroelectronics AN2448 Datasheet HTML 16Page - STMicroelectronics AN2448 Datasheet HTML 17Page - STMicroelectronics AN2448 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Electrical performance
AN2448
14/21
The effect of the cable drop compensation is also worthy of note. Table 4 shows the output
voltage at various load amounts measured at the output connector, after the output cable.
115 Vac and 230 Vac mains input give very similar results. With the cable drop compensation
the output voltage is nearly constant while, without this feature, at maximum load the output
voltage goes down to 4.96 V (about -3.1%). The effect of this feature is also clearly visible in
the output characteristic (Figure 12), with a flat line while in the constant voltage regulation
region.
3.3
Hold-up time
During power down phase the output voltage undergoes a clean transition without restart
trials or glitches. By observing the waveforms it is possible to measure the hold-up time. In
Figure 13 and Figure 14 this condition is shown for the two nominal voltages of 115 Vac and
230 Vac. In the worst case, 115 Vac, a hold-up time of about 17.1 ms is measured.
Figure 13.
Power down at 115 Vac - 60 Hz
Table 4.
Output voltage at output connector
Iout [A]
0
0.1
0.2
0.3
0.4
0.5
0.6
Vout [V] with CDC
5.12
5.13
5.13
5.14
5.14
5.15
5.15
Vout [V] without CDC
5.12
5.09
5.07
5.04
5.01
4.98
4.96
CH1: output
voltage (yellow)
CH3: rectified
input voltage
(purple)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com