Electronic Components Datasheet Search
  English  ▼

X  

AN2559 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2559
Description  System power supply board for digital solutions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2559 Datasheet HTML 8Page - STMicroelectronics AN2559 Datasheet HTML 9Page - STMicroelectronics AN2559 Datasheet HTML 10Page - STMicroelectronics AN2559 Datasheet HTML 11Page - STMicroelectronics AN2559 Datasheet HTML 12Page - STMicroelectronics AN2559 Datasheet HTML 13Page - STMicroelectronics AN2559 Datasheet HTML 14Page - STMicroelectronics AN2559 Datasheet HTML 15Page - STMicroelectronics AN2559 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
PM6680A block
AN2559
12/35
take into consideration that the influence of noise on the performance of the SMPS strictly
depends on the PCB layout. Therefore, the 30 mV is an indicative value. Virtual ESR
Networks are applied for each channel on the reference board described in this application
note. The main reason for this is the fact that the SMPS based on the PM6680A device can
generate different output voltages at a wide input voltage range. As output voltage ripple
depends also on input and output voltage level, there are configurations where the Virtual
ESR network could be mandatory. Virtual ESR networks consists of R40, R39, C35 or R27,
R38 or C34. The ESR network can be removed to observe influence of ESR network to
board function. To remove the Virtual ESR Network, R40 and R27 must be removed and
R39 and R38, respectively, must be shorted.
Figure 9.
Jumper placement for VCORE voltage level setting
Table 4.
VCORE voltage level jumper settings
Jumper settings
VCORE
2.5 V
1.8 V
1.5 V
1.2 V
1.0 V
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com