Electronic Components Datasheet Search
  English  ▼

X  

AN2559 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2559
Description  System power supply board for digital solutions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2559 Datasheet HTML 20Page - STMicroelectronics AN2559 Datasheet HTML 21Page - STMicroelectronics AN2559 Datasheet HTML 22Page - STMicroelectronics AN2559 Datasheet HTML 23Page - STMicroelectronics AN2559 Datasheet HTML 24Page - STMicroelectronics AN2559 Datasheet HTML 25Page - STMicroelectronics AN2559 Datasheet HTML 26Page - STMicroelectronics AN2559 Datasheet HTML 27Page - STMicroelectronics AN2559 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Measurements
AN2559
24/35
Figure 18.
PM6680A consumption at no load condition, in the different modes
In analyzing the data in Figure 18, it should be noted that the consumption is slightly
increased by several passive components which generate inhibit of the L5970ADs. Total
consumption of these parts at 35 V on the input is about 1.5 mA. This is not compensated
for in the chart in Figure 18. It is possible to see the effect of the different operating modes of
the converter by observing the output ripple voltage waveforms in Figure 19. These
measurements are made under the following conditions: VCORE output set to 2.5 V, no load,
at 12 V on the input.
Figure 19.
Output voltage ripple in different modes of light load operation
6.1.2
Output voltage ripple
Output voltage ripple depends on the current ripple flowing through the choke. The current
ripple depends on the input and output voltage levels. Therefore, it is mandatory to measure
the output voltage ripple for different input and output voltage conditions. Figure 20 shows
the output voltage ripple of VCORE at the minimum input voltage (5 V), while Figure 21
displays the output voltage ripple of VCORE at the maximum output voltage (36 V). Figure 22
shows the output voltage ripple of VI/O at the minimum input voltage (5 V), and Figure 20
displays the output voltage ripple of VI/O at the maximum input voltage (36 V). All of the
figures represent the minimum and maximum output voltages at maximum load (0.9 V and
2.5 V at 4 A for VCORE, and 1 V and 3.3 V at 2 A for VI/O).
AI12697
lin (mA)
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.0
0
5
10
15
20
25
30
35
40
Vin (V)
PWM
No Audible
SKIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com