Electronic Components Datasheet Search
  English  ▼

X  

AN2559 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2559
Description  System power supply board for digital solutions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2559 Datasheet HTML 10Page - STMicroelectronics AN2559 Datasheet HTML 11Page - STMicroelectronics AN2559 Datasheet HTML 12Page - STMicroelectronics AN2559 Datasheet HTML 13Page - STMicroelectronics AN2559 Datasheet HTML 14Page - STMicroelectronics AN2559 Datasheet HTML 15Page - STMicroelectronics AN2559 Datasheet HTML 16Page - STMicroelectronics AN2559 Datasheet HTML 17Page - STMicroelectronics AN2559 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
PM6680A block
AN2559
14/35
3.1
DC-DC converters based on the L5970AD
There are two converters based on the L5970AD on the System Supply board: the analog
output and VSYS output voltage. Figure 11 shows the arrangement of output voltages on
connector J18.
Figure 11.
Output voltages of L5970A parts
The L5970AD is a step-down monolithic power switching regulator with a switch current limit
of 1.5 A, capable of delivering more than 1 A of DC current to the load depending on the
application conditions. The output voltage can be set from 1.235 V to 35 V. The device uses
an internal P-channel D-MOS transistor (with a typical RDSON of 200 mΩ) as a switching
element to avoid the use of a bootstrap capacitor and to guarantee high efficiency. An
internal oscillator fixes the switching frequency at 500 kHz to minimize the size of external
components. Having a minimum input voltage of only 4.4 V, it is particularly suitable for 5 V
buses, found in all computer-related applications. Pulse-by-pulse current limiting with
internal frequency modulation offers effective constant current short circuit protection.
The schematic of both SMPS’s is displayed in Figure 12. As the schematic shows, designing
with the L5970AD is very simple. It consists of a power part, feedback and enable/disable
connectors. The power part contains an input capacitor (C2 or C8 - ceramic is
recommended), an inductor (L1 or L2), an output capacitor (C5 or C11) and a freewheeling
diode (D4 or D6). The feedback part consists of a voltage divider (R2, R3, R4 or R6, R7, R8)
and a compensation RC network (R1, C3, C4 or R5, C9, C10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com