Electronic Components Datasheet Search
  English  ▼

X  

AN2559 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2559
Description  System power supply board for digital solutions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2559 Datasheet HTML 26Page - STMicroelectronics AN2559 Datasheet HTML 27Page - STMicroelectronics AN2559 Datasheet HTML 28Page - STMicroelectronics AN2559 Datasheet HTML 29Page - STMicroelectronics AN2559 Datasheet HTML 30Page - STMicroelectronics AN2559 Datasheet HTML 31Page - STMicroelectronics AN2559 Datasheet HTML 32Page - STMicroelectronics AN2559 Datasheet HTML 33Page - STMicroelectronics AN2559 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Measurements
AN2559
30/35
Figure 29.
Efficiency of analog output, by input voltage level
6.2.2
Output voltage ripple
The output voltage ripple of the switching parts of the Analog and VSYS outputs are shown in
Figure 30 and Figure 31. The measurements were made for different input voltages,
because the current ripple influence on the output voltage ripple depends on the input
voltage level. The output voltage ripple on the 3.3 V Analog output and the VAUX output are
displayed in Figure 32 and Figure 33. As these outputs are generated by LDOs, the output
voltage ripple is the same (independent) for all input voltages, and is very low. Therefore,
only one output voltage ripple image is shown in the figures 32 and 33. All of the
measurements were taken at full output load.
Figure 30.
Analog 5 V - output voltage ripple
AI14500
Vin (V)
Efficency (%)
90.0
80.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.0
0
5
10
15
20
25
30
35
40
100.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com