Electronic Components Datasheet Search
  English  ▼

X  

AN2559 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2559
Description  System power supply board for digital solutions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2559 Datasheet HTML 16Page - STMicroelectronics AN2559 Datasheet HTML 17Page - STMicroelectronics AN2559 Datasheet HTML 18Page - STMicroelectronics AN2559 Datasheet HTML 19Page - STMicroelectronics AN2559 Datasheet HTML 20Page - STMicroelectronics AN2559 Datasheet HTML 21Page - STMicroelectronics AN2559 Datasheet HTML 22Page - STMicroelectronics AN2559 Datasheet HTML 23Page - STMicroelectronics AN2559 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Bill of materials
AN2559
20/35
33
C33
1 nF
SMD
0603
34
C34
12 nF
SMD
0603
35
C35
10 nF
SMD
0603
36
C39
22 µF / 6.3 V
SMD
1206
AVX
12066D226KAT2A
37
C40
100 µF / 6.3 V
SMD
1210
AVX
12104D107MAT2A
38
C41
4 µF 7 / 50 V / X7R
SMD
1812
AVX
18125C475KAT2A
39
D1
SM6T39A
SMD
SMB
ST
SMA6T39A
40
D4
STPS2L40
SMD
SMB
ST
STPS2L40
41
D6
STPS2L40
SMD
SMB
ST
STPS2L40
42
D7
BAW56/SOT
SMD
SOT23
43
D8
STPS1L40M
SMD
DO216-AA
ST
STPS1L40M
44
D9
STPS1L40M
SMD
DO216-AA
ST
STPS1L40M
45
D10
4.7 V
SMD
SOD80
46
S1
Header 1 x 2
TH
47
S2
Header 1 x 2
TH
48
S3
Header 1 x 3
TH
49
S4
Header 1 x 3
TH
50
VI/O level
Header 2 x 5
TH
51
VCORE level
Header 2 x 5
TH
52
Skip
Header 2 x 3
TH
53
J3
Jack - PCB
TH
54
J14
Header 1 x 1
TH
55
J15
Header 1 x 1
TH
56
J16
Ind. Con. 2
TH
Ph. Con.
MSTBA 2,5 / 2-G-5,08
57
J17
Ind. Con. 4
TH
Ph. Con.
MSTBA 2,5 / 4-G-5,08
58
J18
Ind. Con. 6
TH
Ph. Con
MSTBA 2,5 / 6-G-5,08
59
L1
33 µH / 1.5 A
SMD
Coilcraft
MSS7341-333MLB
60
L2
33 µH / 1.5 A
SMD
Coilcraft
MSS7341-333MLB
61
L3
5.0 µH / 3 A
SMD
Coilcraft
MSS7341-502MLB
62
L4
3.8 µH / 6 A
SMD
Coilcraft
MSS1038-382NLB
63
L5
1 µH / 1 A
SMD
Coilcraft
ME3220-102MLB
64
Q1
STS4DNF60
SMD
ST
STS4DNF60L
65
Q2
STS7NF60L
SMD
ST
STS7NF60L
66
Q3
STS7NF60L
SMD
ST
STS7NF60L
67
R1
4. 7 k
Ω
SMD
0603
Table 7.
Bill of materials (continued)
Item
Part
Description
Type
Size
Manufacturer
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com